Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJSB107T Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NJSB107T
Description  TYPE BLUE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSB107T Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NJSB107T Datasheet HTML 4Page - NICHIA CORPORATION NJSB107T Datasheet HTML 5Page - NICHIA CORPORATION NJSB107T Datasheet HTML 6Page - NICHIA CORPORATION NJSB107T Datasheet HTML 7Page - NICHIA CORPORATION NJSB107T Datasheet HTML 8Page - NICHIA CORPORATION NJSB107T Datasheet HTML 9Page - NICHIA CORPORATION NJSB107T Datasheet HTML 10Page - NICHIA CORPORATION NJSB107T Datasheet HTML 11Page - NICHIA CORPORATION NJSB107T Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
-7-
(5) Handling Precautions
· Bare Hand
When handling the product, touching encapsulant with bare hands will contaminate its surface that could
affects on optical characteristics. In the worst cases, excessive force to the encapsulant by hands might
result in catastrophic failure of the LEDs due to wire deformation and/or breakage.
· Tweezers
When handling it with tweezers, the product should only be held by the ceramic body, not by the
encapsulant. Failure to comply might result in chip-out and/or delamination of encapsulant, and in the
worst cases, catastrophic failure of the LEDs due to wire deformation and/or breakage.
· Pick and Place
Recommended conditions : Area of outer nozzle ≥ 2 mm2
(more than 30% of encapsulant top surface)**
Contact area of nozzle with encapsulant ≥ 0.9 mm2
(15 to 85% of encapsulant top surface)**
Placement pressure ≤ 3N/mm2 *max. force : 5N
Vacuum pressure ≤ 7.8N/ cm2 (≤ 0.8 kgf/cm2)
**For reference.
Failure to comply might result in damage to encapsulant and in the worst cases,
catastrophic failure of the LEDs due to wire deformation and/or breakage.
Encapsulant
Ceramic body
Nichia STS-DA1-0053
<Cat.No.071228>


Similar Part No. - NJSB107T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSB036LT NICHIA-NJSB036LT Datasheet
590Kb / 16P
   TYPE BLUE LED
More results

Similar Description - NJSB107T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSB036LT NICHIA-NJSB036LT Datasheet
590Kb / 16P
   TYPE BLUE LED
NS6B083T NICHIA-NS6B083T Datasheet
388Kb / 14P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB505CT NICHIA-NESB505CT Datasheet
528Kb / 13P
   TYPE BLUE LED
NHSB046AT NICHIA-NHSB046AT Datasheet
571Kb / 13P
   TYPE BLUE LED
NHSB046T NICHIA-NHSB046T Datasheet
667Kb / 13P
   TYPE BLUE LED
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NSCB455AT NICHIA-NSCB455AT Datasheet
320Kb / 13P
   TYPE BLUE LED
NECBB205T NICHIA-NECBB205T Datasheet
407Kb / 13P
   TYPE BLUE LED
NESB064T NICHIA-NESB064T Datasheet
470Kb / 13P
   TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com