Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTG3515CH Datasheet(PDF) 6 Page - Humirel

Part # HTG3515CH
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3515CH Datasheet(HTML) 6 Page - Humirel

Back Button HTG3515CH Datasheet HTML 2Page - Humirel HTG3515CH Datasheet HTML 3Page - Humirel HTG3515CH Datasheet HTML 4Page - Humirel HTG3515CH Datasheet HTML 5Page - Humirel HTG3515CH Datasheet HTML 6Page - Humirel HTG3515CH Datasheet HTML 7Page - Humirel HTG3515CH Datasheet HTML 8Page - Humirel HTG3515CH Datasheet HTML 9Page - Humirel HTG3515CH Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007
6
Temperature Look-Up Table for a 5V continuous voltage supply
Humidity Error Budget Conditions at 23°C
HTG3500 series modules are specified for maximum accuracy measurements within 10 to 95 %RH.
Excursion out of this range (< 10% or > 95% RH, including condensation) does not affect the reliability of
HTG3500 series characteristics.
2
0.1°C tolerance on Resistance Measurement
Delta Temperature corresponding to NTC deviation (°C)
0,0
0,5
1,0
1,5
2,0
2,5
-40
-20
0
20
40
60
80
100
Temperature (°C)
"% $
"& $
"% $
"& $
"% $
"& $
"% $
"& $
-40
176844
0
26018
40
5618
80
1555
-39
168835
1
24980
41
5432
81
1515
-38
161153
2
23982
42
5254
82
1473
-37
153786
3
23024
43
5082
83
1431
-36
146725
4
22103
44
4916
84
1391
-35
139958
5
21219
45
4757
85
1352
-34
133477
6
20371
46
4603
86
1314
-33
127271
7
19557
47
4454
87
1277
-32
121331
8
18777
48
4311
88
1241
-31
115648
9
18028
49
4172
89
1206
-30
110213
10
17311
50
4038
90
1173
-29
105017
11
16623
51
3908
91
1140
-28
100052
12
15965
52
3783
92
1108
-27
95309
13
15334
53
3661
93
1076
-26
90780
14
14730
54
3543
94
1046
-25
86457
15
14152
55
3429
95
1017
-24
82332
16
13598
56
3319
96
988
-23
78398
17
13069
57
3212
97
960
-22
74648
18
12562
58
3108
98
934
-21
71074
19
12078
59
3008
99
907
-20
67670
20
11615
60
2911
100
882
-19
64428
21
11172
61
2817
101
857
-18
61342
22
10748
62
2727
102
833
-17
58405
23
10343
63
2640
103
810
-16
55612
24
9956
64
2557
104
787
-15
52956
25
9586
65
2477
105
765
-14
50432
26
9233
66
2401
106
743
-13
48034
27
8895
67
2329
107
722
-12
45755
28
8571
68
2261
108
702
-11
43592
29
8262
69
2197
109
682
-10
41539
30
7966
70
2137
110
663
-9
39590
31
7684
71
2081
-8
37741
32
7413
72
2031
-7
35988
33
7154
73
1985
-6
34325
34
6906
74
1945
-5
32748
35
6668
75
1910
-4
31254
36
6440
76
1707
-3
29837
37
6222
77
1654
-2
28495
38
6012
78
1604
-1
27223
39
5811
79
1559


Similar Part No. - HTG3515CH

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3515CH HUMIREL-HTG3515CH Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3515CH

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com