Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F826-827UM Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56F826-827UM
Description  16-bit Digital Signal Controllers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826-827UM Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56F826-827UM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F826-827UM Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Introduction
56F827 Technical Data, Rev. 12
Freescale Semiconductor
9
Figure 2-1 56F827 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
56F827
2.5V Power
3.3V Analog Power
3.3V Analog Power
3.3V Power
Ground
Analog Ground
Analog Ground
Ground
PLL
and
Clock
External
Address Bus or
GPIO
External Data
Bus or GPIO
External
Bus Control
Dedicated
GPIO
SPI1 Port
or GPIO
SCI0,SCI1
Port or
SPI0 Port
VDD
VDDA
VDDA_ADC
VDDIO
VSS
VSSA
VSSA_ADC
VSSIO
VPP
EXTAL
XTAL(CLOCKIN)
CLKO
A0-A15(GPIOA0–15)
D0–D15(GPIOG0-15)
PS (PCS0)
DS (PCS1)
RD
WR
TA0 (GPIOF0)
TA1 (GPIOF1)
TA2 (GPIOF2)
TA3 (GPIOF3)
TCK
TMS
TDI
TDO
TRST
DE
Quad Timer A
or GPIO
JTAG/OnCE
Port
GPIOB0–7
GPIOD0–7
SRD (GPIOC0)
SRFS (GPIOC1)
SRCK (GPIOC2)
STD (GPIOC3)
STFS (GPIOC4)
STCK (GPIOC5)
SCLK (GPIOF4)
MOSI (GPIOF5)
MISO (GPIOF6)
SS (GPIOF7)
TXD0 (SCLK0)
RXD0 (MOSI0)
TXD1 (MISO0)
RXD1 (SS0)
TXD2 (GPIOC6)
RXD2 (GPIOC7)
PCS2-7
ANA0–9
VREFN
VREFP
VREFMID
VREFLO
VREFHI
IRQA
IRQB
RESET
EXTBOOT
SSI Port
or GPIO
ADC
Port
SCI2 Port
or GPIO
Other
Supply Port
3
1
1
5
4*
1
1
5
1
1
1
1
16
16
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
8
8
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
6
10
1
1
1
1
1
1
1
1
1
Programmable
Chip Select
*Includes TCS pin, which is reserved for factory use and is tied to VSS


Similar Part No. - DSP56F826-827UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F826-827UM FREESCALE-DSP56F826-827UM Datasheet
983Kb / 56P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F826-827UM/D MOTOROLA-DSP56F826-827UM/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
More results

Similar Description - DSP56F826-827UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com