Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V54C316162V-6 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V54C316162V-6
Description  200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162V-6 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V54C316162V-6 Datasheet HTML 1Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 2Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 3Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 4Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 5Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 6Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
V54C316162V Rev. 2.9 September 2001
MOSEL VITELIC
V54C316162V
50 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
VCC
I/O1
I/O2
VSSQ
I/O3
I/O4
VCCQ
I/O5
I/O6
VSSQ
I/O7
I/O8
VCCQ
LDQM
WE
CAS
RAS
CS
BA
A10
A0
A1
A2
A3
VCC
VSS
I/O16
I/O15
VSSQ
I/O14
I/O13
VCCQ
I/O12
I/O11
VSSQ
I/O10
I/O9
VCCQ
NC
UDQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
V54C316162V-01
CLK
Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
A0–A10
Address Inputs
BA
Bank Select
I/O1–I/O16
Data Input/Output
LDQM, UDQM
Data Mask
VCC
Power (+3.3V)
VSS
Ground
VCCQ
Power for I/O’s (+3.3V)
VSSQ
Ground for I/O’s
NC
Not connected


Similar Part No. - V54C316162V-6

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-5 MOSEL-V54C316162VC-5 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-55 MOSEL-V54C316162VC-55 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-6 MOSEL-V54C316162VC-6 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-7 MOSEL-V54C316162VC-7 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162V-6

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com