Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSW008CT-P1 Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSSW008CT-P1
Description  TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW008CT-P1 Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSSW008CT-P1 Datasheet HTML 5Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 6Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 7Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 8Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 9Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 10Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 11Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 12Page - NICHIA CORPORATION NSSW008CT-P1 Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
-30°C
0°C
25°C
50°C
85°C
350
450
550
750
650
1mA
20mA
50mA
100mA
5mA
0.29
0.30
0.31
0.32
0.33
0.34
0.33
0.30
0.32
0.31
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
1.0
0.5
0
1.2
1.0
0.8
0.4
0.2
0
0.6
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IF=20mA
x
10° 20°
30°
40°
50°
60°
70°
80°
90°
IFP=20mA
Ta=25°C
30°
0.5
90°
60°
1.0
Y-Y
X-X
X
X
Y
Y
Ta=25°C
IFP=20mA
CHARACTERISTICS
Model
NSSW008C-P1
NICHIA CORPORATION Title
No.
060407651411


Similar Part No. - NSSW008CT-P1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW004T NICHIA-NSSW004T Datasheet
322Kb / 13P
   TYPE WHITE LED
NSSW006T NICHIA-NSSW006T Datasheet
295Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NSSW008CT-P1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com