Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD10NF06L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD10NF06L
Description  N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET??POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10NF06L Datasheet(HTML) 6 Page - STMicroelectronics

  STD10NF06L Datasheet HTML 1Page - STMicroelectronics STD10NF06L Datasheet HTML 2Page - STMicroelectronics STD10NF06L Datasheet HTML 3Page - STMicroelectronics STD10NF06L Datasheet HTML 4Page - STMicroelectronics STD10NF06L Datasheet HTML 5Page - STMicroelectronics STD10NF06L Datasheet HTML 6Page - STMicroelectronics STD10NF06L Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STD10NF06L
6/7
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
DPAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
16.4
18.4
0.645
0.724
N
50
1.968
T
22.4
0.881
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
6.8
7
0.267
0.275
B0
10.4
10.6
0.409
0.417
B1
12.1
0.476
D
1.5
1.6
0.059
0.063
D1
1.5
0.059
E
1.65
1.85
0.065
0.073
F
7.4
7.6
0.291
0.299
K0
2.55
2.75
0.100
0.108
P0
3.9
4.1
0.153
0.161
P1
7.9
8.1
0.311
0.319
P2
1.9
2.1
0.075
0.082
R
40
1.574
W
15.7
16.3
0.618
0.641
TAPE MECHANICAL DATA
All dimensions
are in millimeters
All dimensions are in millimeters


Similar Part No. - STD10NF06L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD10NF06LT4 VBSEMI-STD10NF06LT4 Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD10NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
   N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET??POWER MOSFET
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
   N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
   N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
   N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET??POWER MOSFET
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
STD10PF06-1 STMICROELECTRONICS-STD10PF06-1 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET??II POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STD16NE06 STMICROELECTRONICS-STD16NE06 Datasheet
91Kb / 9P
   N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com