Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSW006T Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSW006T
Description  TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW006T Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSW006T Datasheet HTML 1Page - NICHIA CORPORATION NSSW006T Datasheet HTML 2Page - NICHIA CORPORATION NSSW006T Datasheet HTML 3Page - NICHIA CORPORATION NSSW006T Datasheet HTML 4Page - NICHIA CORPORATION NSSW006T Datasheet HTML 5Page - NICHIA CORPORATION NSSW006T Datasheet HTML 6Page - NICHIA CORPORATION NSSW006T Datasheet HTML 7Page - NICHIA CORPORATION NSSW006T Datasheet HTML 8Page - NICHIA CORPORATION NSSW006T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
-2-
Nichia
STSE-CC7014C
<Cat.No.070606>
Rank a66
Rank a67
x
0.2910
0.2880
0.2960
0.2980
x
0.2820
0.2793
0.2887
0.2910
y
0.2580
0.2620
0.2760
0.2710
y
0.2720
0.2755
0.2916
0.2870
Rank bj2
Rank bj6
x
0.2960
0.2910
0.2990
0.3040
x
0.2980
0.2960
0.3040
0.3062
y
0.2760
0.2870
0.3010
0.2900
y
0.2710
0.2760
0.2900
0.2853
Rank bj7
Rank bk2
x
0.2910
0.2887
0.2968
0.2990
x
0.3040
0.2990
0.3070
0.3120
y
0.2870
0.2916
0.3058
0.3010
y
0.2900
0.3010
0.3150
0.3040
Rank bk6
Rank bk7
x
0.3062
0.3040
0.3120
0.3142
x
0.2990
0.2968
0.3048
0.3070
y
0.2853
0.2900
0.3040
0.2993
y
0.3010
0.3058
0.3198
0.3150
Color Coordinates Measurement allowance is ± 0.005.
One delivery will include up to four color ranks and six luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Heat-Resistant Polymer
Encapsulating Resin
:
Silicone Resin (with Diffused + Phosphor)
Electrodes
:
Ag Plating
Copper Alloy
4.PACKAGING
· The LEDs are packed in cardboard boxes after taping.
Please refer to figure’s page.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
-
Year
( 6 for 2006,
7 for 2007 )
-
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov. )
-
Nichia's Product Number
-
Ranking by Color Coordinates
-
Ranking by Luminous Intensity


Similar Part No. - NSSW006T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW004T NICHIA-NSSW004T Datasheet
322Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NSSW006T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com