Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESR505DT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NESR505DT
Description  TYPE RED LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESR505DT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NESR505DT Datasheet HTML 4Page - NICHIA CORPORATION NESR505DT Datasheet HTML 5Page - NICHIA CORPORATION NESR505DT Datasheet HTML 6Page - NICHIA CORPORATION NESR505DT Datasheet HTML 7Page - NICHIA CORPORATION NESR505DT Datasheet HTML 8Page - NICHIA CORPORATION NESR505DT Datasheet HTML 9Page - NICHIA CORPORATION NESR505DT Datasheet HTML 10Page - NICHIA CORPORATION NESR505DT Datasheet HTML 11Page - NICHIA CORPORATION NESR505DT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
-7-
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(6) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded.
It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
(7) Others
· NESR505D complies with RoHS Directive.
· The LED light output is strong enough to injure human eyes.
Precautions must be taken to prevent
looking directly at the LEDs with unaided eyes for more than a few seconds.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use.
Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.
Nichia STS-DA1-0073
<Cat.No.071226>


Similar Part No. - NESR505DT

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
NESR-1600 NOVA-NESR-1600 Datasheet
552Kb / 2P
   1600VA TELECOM INVERTER
logo
NICHIA CORPORATION
NESR146AT NICHIA-NESR146AT Datasheet
305Kb / 18P
   RED LED
More results

Similar Description - NESR505DT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCR426BT NICHIA-NSCR426BT Datasheet
281Kb / 13P
   TYPE RED LED
NSSR100BT NICHIA-NSSR100BT Datasheet
536Kb / 13P
   TYPE RED LED
NSSR007AT NICHIA-NSSR007AT Datasheet
587Kb / 13P
   TYPE RED LED
NSSR064T NICHIA-NSSR064T Datasheet
603Kb / 14P
   TYPE RED LED
NFSR036CT NICHIA-NFSR036CT Datasheet
363Kb / 14P
   TYPE RED LED
NS6R083T NICHIA-NS6R083T Datasheet
382Kb / 14P
   TYPE RED LED
NSSR426CT NICHIA-NSSR426CT Datasheet
536Kb / 13P
   TYPE RED LED
logo
LIGITEK electronics co....
L3URF9Q53S LIGITEK-L3URF9Q53S Datasheet
122Kb / 8P
   PLCC TYPE RED LED
logo
Sanyo Semicon Device
SLP-9130C-81 SANYO-SLP-9130C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com