Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSR064T Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSR064T
Description  TYPE RED LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSR064T Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSR064T Datasheet HTML 3Page - NICHIA CORPORATION NSSR064T Datasheet HTML 4Page - NICHIA CORPORATION NSSR064T Datasheet HTML 5Page - NICHIA CORPORATION NSSR064T Datasheet HTML 6Page - NICHIA CORPORATION NSSR064T Datasheet HTML 7Page - NICHIA CORPORATION NSSR064T Datasheet HTML 8Page - NICHIA CORPORATION NSSR064T Datasheet HTML 9Page - NICHIA CORPORATION NSSR064T Datasheet HTML 10Page - NICHIA CORPORATION NSSR064T Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
-6-
(5) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· The encapsulated material of the LEDs is silicone. Therefore the LEDs have a soft surface on the
top of package.
The pressure to the top surface will be influence to the reliability of the LEDs.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using
the chip mounter, the picking up nozzle that does not affect the silicone resin should be used.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(Unit : mm)
: Solder resist
4
4
9.5
1.5
1.5
<
1 : Lead Solder>
<
2 : Lead-free Solder>
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
60sec.Max.
Above 220°C
1 ~ 5°C / sec.
1 ~ 5°C / sec.
180 ~ 200°C
Pre-heating
240°C Max.
10sec. Max.
60sec.Max.
Above 200
°C
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
120sec.Max.
Nichia STS-DA1-0293
<Cat.No.080620>


Similar Part No. - NSSR064T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSR007AT NICHIA-NSSR007AT Datasheet
587Kb / 13P
   TYPE RED LED
More results

Similar Description - NSSR064T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCR426BT NICHIA-NSCR426BT Datasheet
281Kb / 13P
   TYPE RED LED
NSSR100BT NICHIA-NSSR100BT Datasheet
536Kb / 13P
   TYPE RED LED
NSSR007AT NICHIA-NSSR007AT Datasheet
587Kb / 13P
   TYPE RED LED
NFSR036CT NICHIA-NFSR036CT Datasheet
363Kb / 14P
   TYPE RED LED
NS6R083T NICHIA-NS6R083T Datasheet
382Kb / 14P
   TYPE RED LED
NESR505DT NICHIA-NESR505DT Datasheet
485Kb / 14P
   TYPE RED LED
NSSR426CT NICHIA-NSSR426CT Datasheet
536Kb / 13P
   TYPE RED LED
logo
LIGITEK electronics co....
L3URF9Q53S LIGITEK-L3URF9Q53S Datasheet
122Kb / 8P
   PLCC TYPE RED LED
logo
Sanyo Semicon Device
SLP-9130C-81 SANYO-SLP-9130C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com