Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESB505CT Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NESB505CT
Description  TYPE BLUE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESB505CT Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NESB505CT Datasheet HTML 5Page - NICHIA CORPORATION NESB505CT Datasheet HTML 6Page - NICHIA CORPORATION NESB505CT Datasheet HTML 7Page - NICHIA CORPORATION NESB505CT Datasheet HTML 8Page - NICHIA CORPORATION NESB505CT Datasheet HTML 9Page - NICHIA CORPORATION NESB505CT Datasheet HTML 10Page - NICHIA CORPORATION NESB505CT Datasheet HTML 11Page - NICHIA CORPORATION NESB505CT Datasheet HTML 12Page - NICHIA CORPORATION NESB505CT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4.0
3.0
2.5
1.5
1.0
0.5
0
2.0
3.5
100
50
15
10
20
5.0
4.6
4.2
3.4
3.0
2.6
3.8
100
50
20
10
5
1
2.5
3.0
3.5
4.0
4.5
5.0
0
102030
50
60
40
IFP=10mA
25
20
15
0
5
10
2.5
020
60 80 100
40
-60
-20
-40
020
60 80 100
40
-60
-20
-40
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10 20
100
50
60
80
100
40
020
2.0
1.0
0.5
0.2
Ta=25°C
Ta=25°C
Ta=25°C
IFP=10mA
CHARACTERISTICS
Model
NESB505C
NICHIA CORPORATION Title
No.
050606539381


Similar Part No. - NESB505CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB017T NICHIA-NESB017T Datasheet
465Kb / 13P
   TYPE BLUE LED
NESB021T NICHIA-NESB021T Datasheet
477Kb / 13P
   TYPE BLUE LED
NESB064AT-NA NICHIA-NESB064AT-NA Datasheet
279Kb / 18P
   LED
More results

Similar Description - NESB505CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSB036LT NICHIA-NJSB036LT Datasheet
590Kb / 16P
   TYPE BLUE LED
NS6B083T NICHIA-NS6B083T Datasheet
388Kb / 14P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NHSB046AT NICHIA-NHSB046AT Datasheet
571Kb / 13P
   TYPE BLUE LED
NHSB046T NICHIA-NHSB046T Datasheet
667Kb / 13P
   TYPE BLUE LED
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NJSB107T NICHIA-NJSB107T Datasheet
601Kb / 17P
   TYPE BLUE LED
NSCB455AT NICHIA-NSCB455AT Datasheet
320Kb / 13P
   TYPE BLUE LED
NECBB205T NICHIA-NECBB205T Datasheet
407Kb / 13P
   TYPE BLUE LED
NESB064T NICHIA-NESB064T Datasheet
470Kb / 13P
   TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com