Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA851 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SA851
Description  Low voltage fast-switching NPN power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA851 Datasheet(HTML) 4 Page - STMicroelectronics

  SA851 Datasheet HTML 1Page - STMicroelectronics SA851 Datasheet HTML 2Page - STMicroelectronics SA851 Datasheet HTML 3Page - STMicroelectronics SA851 Datasheet HTML 4Page - STMicroelectronics SA851 Datasheet HTML 5Page - STMicroelectronics SA851 Datasheet HTML 6Page - STMicroelectronics SA851 Datasheet HTML 7Page - STMicroelectronics SA851 Datasheet HTML 8Page - STMicroelectronics SA851 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STSA851
4/11
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 120 V
VCB = 120 V
TC = 100 °C
50
1
nA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 7 V
10
nA
V(BR)CBO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≥ 1.5%.
Collector-base
breakdown Voltage
(IE = 0)
IC = 100 µA
150
V
V(BR)CEO
(1)
Collector-emitter
breakdown Voltage
(IB = 0)
IC = 10 mA
60
V
V(BR)EBO
(1)
Emitter-base breakdown
Voltage
(IC = 0)
IE = 100 µA
7V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 100 mA IB = 5 mA
IC = 1 A
_
IB = 50 mA
IC = 2 A
_
IB = 50 mA
IC = 5 A
_
IB = 200 mA
10
70
140
320
50
120
200
450
mV
mV
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 4 A
IB = 200 mA
11.15
V
hFE
DC current gain
IC = 10 mA
VCE = 1 V
IC = 2 A
VCE = 1 V
IC = 5 A
VCE = 1 V
IC = 10 A
VCE = 1 V
150
150
90
30
300
270
140
50
350
fT
Transition frequency
VCE = 10 V
IC = 100 mA
130
MHz
CCBO
Collector-base
capacitance
VCB = 10 V
f = 1 MHz
45
pF
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
IC = 1 A
VCC = 10 V
IB1 = -IB2 = 0.1 A
55
1.35
120
ns
µs
ns


Similar Part No. - SA851

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA85 PANJIT-SA85 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA85 CHONGQING-SA85 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA85 FCI-SA85 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA85 TSC-SA85 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA85 WTE-SA85 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
   Low voltage fast-switching NPN power transistor
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
   Low voltage fast-switching NPN power transistor
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
175Kb / 10P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
2STR1160 STMICROELECTRONICS-2STR1160 Datasheet
247Kb / 11P
   Low voltage fast-switching NPN power transistor
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802 Datasheet
535Kb / 7P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com