Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N790A Datasheet(PDF) 3 Page - STMicroelectronics

Part # N790A
Description  Medium current, high performance, low voltage PNP transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N790A Datasheet(HTML) 3 Page - STMicroelectronics

  N790A Datasheet HTML 1Page - STMicroelectronics N790A Datasheet HTML 2Page - STMicroelectronics N790A Datasheet HTML 3Page - STMicroelectronics N790A Datasheet HTML 4Page - STMicroelectronics N790A Datasheet HTML 5Page - STMicroelectronics N790A Datasheet HTML 6Page - STMicroelectronics N790A Datasheet HTML 7Page - STMicroelectronics N790A Datasheet HTML 8Page - STMicroelectronics N790A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STN790A
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = -30 V
VCB = -30 V;
TC = 100 °C
-10
-100
µA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = -4 V
-10
µA
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = -10 mA
-30
V
V(BR)CER
(1)
Collector-emitter
breakdown voltage
(RBE = 47 Ω)
IC = -10 mA
-40
V
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = -100 µA
-40
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = -100 µA
-5
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -0.5 A
IB = -5 mA
IC = -1.2 A
IB = -20 mA
IC = -2 A
IB = -20 mA
IC = -3 A
IB = -100 mA
IC = -3 A
IB = -100 mA
TJ = 100 °C
-0.15
-0.25
-0.5
-0.7
-0.9
V
V
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -1 A
IB = -10 mA
-0.8
-1
V
VBE(on)
(1)
Base-emitter on voltage
IC = -1 A
VCE = -2 V
-0.8
-1
V
hFE
(1)
DC current gain
IC = -10 mA
VCE = -2 V
IC = -500 mA
VCE = -2 V
IC = -1 A
VCE = -2 V
IC = -2 A
VCE = -1 V
IC = -3 A
VCE = -1 V
100
100
100
100
90
200
200
160
130
400
400


Similar Part No. - N790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
N790A STMICROELECTRONICS-N790A Datasheet
199Kb / 10P
   Medium Current, High Performance, Low Voltage PNP Transistor
More results

Similar Description - N790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
   Medium Current, High Performance, Low Voltage PNP Transistor
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
   MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
STX790A STMICROELECTRONICS-STX790A_09 Datasheet
181Kb / 10P
   Medium current,high performance,low voltage PNP transistor
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
   Medium current, high performance, low voltage PNP transistor
STD790A STMICROELECTRONICS-STD790A_08 Datasheet
168Kb / 9P
   Medium current, high performance, low voltage PNP transistor
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
   MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
STN790A STMICROELECTRONICS-STN790A Datasheet
125Kb / 6P
   MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
March 2003
STN790A STMICROELECTRONICS-STN790A_06 Datasheet
199Kb / 10P
   Medium Current, High Performance, Low Voltage PNP Transistor
STN749 STMICROELECTRONICS-STN749 Datasheet
124Kb / 6P
   MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
   Medium Current, High Performance, Low Voltage PNP Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com