Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GW33IH120D Datasheet(PDF) 7 Page - STMicroelectronics

Part # GW33IH120D
Description  30 A - 1200 V - very fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW33IH120D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GW33IH120D Datasheet HTML 3Page - STMicroelectronics GW33IH120D Datasheet HTML 4Page - STMicroelectronics GW33IH120D Datasheet HTML 5Page - STMicroelectronics GW33IH120D Datasheet HTML 6Page - STMicroelectronics GW33IH120D Datasheet HTML 7Page - STMicroelectronics GW33IH120D Datasheet HTML 8Page - STMicroelectronics GW33IH120D Datasheet HTML 9Page - STMicroelectronics GW33IH120D Datasheet HTML 10Page - STMicroelectronics GW33IH120D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STGW33IH120D
Electrical characteristics
7/14
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics
Figure 3.
Transfer characteristics
Figure 4.
Transconductance
Figure 5.
Collector-emitter on voltage vs
temperature
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Capacitance variations
0
50
100
150
200
250
IC(A)
7 V
8 V
9 V
10 V
11 V
12 V
13 V
14 V
VGE=15 V
HV42580
5
10
15
VCE(V)
0
50
100
150
200
250
300
IC(A)
0
5
10
15
VGE(V)
VCE=15V
HV42585
2
4
6
8
10
12
14
16
18
20
22
24
26
HV42590
0
5
10
15
20
IC(A)
Gfs(S)
TC=-50°C
25°C
125°C
HV42600
VCE(sat)
(V)
TJ(°C)
1.5
1.625
1.75
1.875
2.0
2.125
2.25
2.375
2.5
-75 -50
-25
025
50
75
100
125 150
IC=10A
IC=20A
IC=40A
0
2
4
6
8
10
12
14
16
VGE(V)
HV42630
0
50
100
150
Qg(nC)
VCC=960V
IC=20A
0
500
1000
1500
2000
2500
3000
3500
4000
4500
C(pF)
10
20
3040
VCE(V)
HV42620
f=1MHz
Cies
Coes
Cres


Similar Part No. - GW33IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW30N120KD STMICROELECTRONICS-GW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
GW30N90D STMICROELECTRONICS-GW30N90D Datasheet
159Kb / 10P
   N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
More results

Similar Description - GW33IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
   30 A - 1200 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
   33 A - 1300 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com