Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC06IE170HV Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC06IE170HV
Description  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC06IE170HV Datasheet(HTML) 4 Page - STMicroelectronics

  STC06IE170HV Datasheet HTML 1Page - STMicroelectronics STC06IE170HV Datasheet HTML 2Page - STMicroelectronics STC06IE170HV Datasheet HTML 3Page - STMicroelectronics STC06IE170HV Datasheet HTML 4Page - STMicroelectronics STC06IE170HV Datasheet HTML 5Page - STMicroelectronics STC06IE170HV Datasheet HTML 6Page - STMicroelectronics STC06IE170HV Datasheet HTML 7Page - STMicroelectronics STC06IE170HV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
STC06IE170HV
4/8
2.1
Electrical characteristics (curves)
Figure 1.
Output characteristics
Figure 2.
DC current gain
Figure 3.
Collector-source on voltage
Figure 4.
Collector-source on voltage
Figure 5.
Base-source on voltage
Figure 6.
Base-source on voltage


Similar Part No. - STC06IE170HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
281Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
More results

Similar Description - STC06IE170HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com