Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198-16PBR Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9198-16PBR
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198-16PBR Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9198-16PBR Datasheet HTML 1Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 2Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 3Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 4Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 5Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 6Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 7Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 8Page - Richtek Technology Corporation RT9198-16PBR Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RT9198/A
3
DS9198/A-12 May 2008
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Name
Pin Function
EN
Chip Enable (Active High). Note that this pin is high impedance. There should be a pull low
100k
Ω resistor connected to GND when the control signal is floating.
EN
Chip Enable (Active Low). Note that this pin is high impedance. There should be a pull high
100k
Ω resistor connected to VIN when the control signal is floating.
NC
No Internal Connection.
GND, Exposed Pad
Ground. The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
VOUT
Output Voltage.
VIN
Input Voltage.
Current-Limit
and
Thermal
Protection
MOS Driver
-
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
VREF
GND
EN/EN


Similar Part No. - RT9198-16PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198-16PBR RICHTEK-RT9198-16PBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198-16PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com