Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198-4GGB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9198-4GGB
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198-4GGB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9198-4GGB Datasheet HTML 6Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 7Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 8Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 9Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 10Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 11Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 12Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 13Page - Richtek Technology Corporation RT9198-4GGB Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RT9198/A
10
DS9198/A-12 May 2008
www.richtek.com
For recommended operating conditions specification of
RT9198/A, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for TSOT-23-3/TSOT-
23-5/SOT-23-3/SOT-23-5 package is 250
°C/W, SC-70-5
and SC-82 package is 333
°C/W and WDFN-6L 2x2
package is 165
°C/W on standard JEDEC 51-3 thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by following formula :
PD(MAX) = (125
°C − 25°C)/250 = 400mW (TSOT-23-3/
TSOT-23-5/SOT-23-3/SOT-23-5)
PD(MAX) = (125
°C − 25°C)/333 = 300mW (SC-70-5/SC-82)
PD(MAX) = (125
°C − 25°C) / 165 = 606mW (WDFN-6L 2x2)
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9198/A packages, the Figure 2. of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 2. Derating Curve for Packages
0
100
200
300
400
500
600
700
0
15
30
45
60
75
90
105 120 135
Ambient Temperature (°C)
SOT-23-3/SOT-23-5
TSOT-23-3/TSOT-23-5
SC 70-5
SC-82
WDFN-6L 2x2


Similar Part No. - RT9198-4GGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198-4GGB RICHTEK-RT9198-4GGB Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-4GGBR RICHTEK-RT9198-4GGBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198-4GGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com