Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198-15PB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9198-15PB
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198-15PB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9198-15PB Datasheet HTML 1Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 2Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 3Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 4Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 5Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 6Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 7Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 8Page - Richtek Technology Corporation RT9198-15PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT9198/A
2
DS9198/A-12 May 2008
www.richtek.com
Typical Application Circuit
Pin Configurations
(TOP VIEW)
TSOT-23-5/SOT-23-5/
SC-70-5 (R-Type)
TSOT-23-5/SOT-23-5/
SC-70-5
WDFN-6L 2x2
Note
: There is no pin1 indicator on top mark for SC-82 type, and pin 1 will be lower left pin when reading top mark from left to
right. Pin2 of SC-82 is wider than other pins.
TSOT-23-3/
SOT-23-3
SC-82
MSOP-8
TSOT-23-5/
SOT-23-5(G-Type)
GND
VOUT
NC
VIN
2
3
5
4
1
EN/EN
VIN
GND
NC
VOUT
2
3
5
4
1
EN/EN
NC
VOUT
VIN
GND
2
3
5
4
1
EN/EN
GND
VIN
VOUT
4
1
3
2
EN/EN
1
2
3
GND
VOUT
VIN
GND
NC
NC
VOUT
VIN
5
4
1
2
3
6
EN/EN
7
5
6
7
8
4
3
2
NC
NC
NC
VOUT
VIN
NC
GND
EN/EN
VIN
GND
VOUT
RT9198
COUT
1uF
CIN
1uF
VIN
VOUT
EN
Chip Enable
On
Off
VIN
GND
VOUT
RT9198A
COUT
1uF
CIN
1uF
VIN
VOUT
Chip Enable
Off
On
EN


Similar Part No. - RT9198-15PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198-15PB RICHTEK-RT9198-15PB Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-15PBR RICHTEK-RT9198-15PBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-15PBR RICHTEK-RT9198-15PBR Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9198-15PBR RICHTEK-RT9198-15PBR Datasheet
275Kb / 18P
   Low-Noise for RF Application, Fast Response in Line/Load Transient
More results

Similar Description - RT9198-15PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com