Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9193-49PQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9193-49PQW
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9193-49PQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9193-49PQW Datasheet HTML 2Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 3Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 4Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 5Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 6Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 7Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 8Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 9Page - Richtek Technology Corporation RT9193-49PQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9193
6
DS9193-11 May 2008
www.richtek.com
Time (10ms/Div)
VIN = 4.5V
CIN = COUT = 1uF, X7R
Noise
200
100
0
-100
-200
RT9193-15xU5
ILoad = 50mA
f = 10Hz to 100kHz
Time (10ms/Div)
VIN = 4.5V
CIN = COUT = 1uF, X7R
Noise
200
100
0
-100
-200
RT9193-30xB
ILoad = 50mA
f = 10Hz to 100kHz
Time (100
μs/Div)
Line Transient Response
6
5
4
10
0
-10
VIN = 4V to 5V
COUT = 1uF
RT9193-25xB
ILoad = 100mA
Time (50
μs/Div)
VIN = 4V to 5V
COUT = 1uF
Line Transient Response
RT9193-25xB
ILoad = 1mA
6
5
4
10
0
-10
Time (500
μs/Div)
VIN = 5V, VOUT = 2.8V
CIN = COUT = 1uF
Load Transient Response
ILoad = 1mA to 60mA
100
50
0
20
0
-20
Time (500
μs/Div)
Load Transient Response
ILoad = 1mA to 250mA
400
200
0
50
0
-50
VIN = 5V, VOUT = 2.8V
CIN = COUT = 1uF


Similar Part No. - RT9193-49PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193-49PQW RICHTEK-RT9193-49PQW Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9193-49PQW

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com