Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-42PXL Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9166-42PXL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166-42PXL Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9166-42PXL Datasheet HTML 1Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 2Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 3Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 4Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 5Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 6Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 7Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 8Page - Richtek Technology Corporation RT9166-42PXL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9166/A
5
DS9166/A-19 April 2008
www.richtek.com
Typical Operating Characteristics
Current Limit vs. Input voltage
700
750
800
850
900
33.544.555.5
Input voltage (V)
VIN = 5V
CIN = 1uF
COUT = 1uF
RL = 0.5
Ω
RT9166-33xX
Current Limit vs. Input voltage
700
750
800
850
900
3
3.5
4
4.5
5
5.5
Input voltage (V)
VIN = 5V
CIN = 1uF
COUT = 1uF
RL = 0.5
Ω
RT9166-33xVL
Power Supply Rejection Ratio
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
VIN = 5V
CIN = 1uF
COUT = 1uF
100mA
1mA
10
100
1k
10k
100k
1M
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
Load Current (mA)
CIN = 1uF
COUT = 1uF
TJ = 125
°C
TJ = 25
°C
TJ =
−40°C
Region of Stable COUT ESR vs. Load Current
0.00
0.01
0.10
1.00
10.00
100.00
0
100
200
300
400
500
600
Load Current (mA)
Instable
Instable
Stable
COUT = 1uF to 4.7uF
Output Noise
Time (1ms/DIV)
400
200
0
-200
-400
VIN = 5V
CIN = 1uF
ILOAD = 100mA
COUT = 1uF
f = 10Hz to 100KHz


Similar Part No. - RT9166-42PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-42PXL RICHTEK-RT9166-42PXL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-42PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com