Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-28PXL Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9166-28PXL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166-28PXL Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9166-28PXL Datasheet HTML 6Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 7Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 8Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 9Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 10Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 11Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 12Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 13Page - Richtek Technology Corporation RT9166-28PXL Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT9166/A
10
DS9166/A-19 April 2008
www.richtek.com
PCB Layout
Good board layout practices must be used or instability
can be induced because of ground loops and voltage drops.
The input and output capacitors MUST be directly
connected to the input, output, and ground pins of the
device using traces which have no other currents flowing
through them.
The best way to do this is to layout CIN and COUT near the
device with short traces to the VIN, VOUT, and ground pins.
The regulator ground pin should be connected to the
external circuit ground so that the regulator and its
capacitors have a “single point ground”.
It should be noted that stability problems have been seen
in applications where “vias” to an internal ground plane
were used at the ground points of the device and the input
and output capacitors. This was caused by varying ground
potentials at these nodes resulting from current flowing
through the ground plane. Using a single point ground
technique for the regulator and it’ s capacitors fixed the
problem. Since high current flows through the traces going
into VIN and coming from VOUT, Kelvin connect the capacitor
leads to these pins so there is no voltage drop in series
with the input and output capacitors.
Optimum performance can only be achieved when the
device is mounted on a PC board according to the diagram
below :
For recommended operating conditions specification of
RT9166/A, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For SOT-23-3
packages, the thermal resistance
θJA is 250°C/W on the
standard JEDEC 51-3 single-layer thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by following formula :
PD (MAX) = ( 125
°C − 25°C) / 250°C/W = 0.400W for
SOT-23-3 packages
PD (MAX) = ( 125
°C − 25°C) / 175°C/W = 0.571W for
SOT-89 packages
PD (MAX) = ( 125
°C − 25°C) / 135°C/W = 0.740W for
SOT-223 packages
PD (MAX) = ( 125
°C − 25°C) / 68°C/W = 1.470W for
TO-252 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9166/A packages, Figure 1 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power allowed.
Figure 1. Derating Curves for RT9166/A Packages
Figure 2. SOT-23-3 Board Layout
V
IN
GND
V
OUT
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0
25
50
75
100
125
Ambient Temperature (°C)
SOT-223
SOT-89
SOT-23-3
Single Layer PCB
TO-252


Similar Part No. - RT9166-28PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-28PXL RICHTEK-RT9166-28PXL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-28PXL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com