Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT16373ADLRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT16373ADLRG4
Description  16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16373ADLRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ABT16373ADLRG4 Datasheet HTML 2Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 3Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 4Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 5Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 9Page - Texas Instruments SN74ABT16373ADLRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN54ABT16373A, SN74ABT16373A
16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS160C – DECEMBER 1992 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ABT16373ADLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT16373ADLRG4 TI-SN74ABT16373ADLRG4 Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT16373ADLRG4 TI-SN74ABT16373ADLRG4 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT16373ADLRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com