Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A_03 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 2N2219A_03
Description  HIGH SPEED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
2N2219A
2N2222A
HIGH SPEED SWITCHES
PRELIMINARY DATA
DESCRIPTION
The 2N2219A and 2N2222A are silicon Planar
Epitaxial NPN transistors in Jedec TO-39 (for
2N2219A) and in Jedec TO-18 (for 2N2222A)
metal case. They are designed for high speed
switching application at collector current up to
500mA, and feature useful current gain over a
wide range of collector current, low leakage
currents and low saturation voltage.
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
75
V
VCEO
Collector-Emitter Voltage (IB = 0)
40
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
0.6
A
ICM
Collector Peak Current (tp < 5 ms)
0.8
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
for 2N2219A
for 2N2222A
at TC
≤ 25 oC
for 2N2219A
for 2N2222A
0.8
0.5
3
1.8
W
W
W
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-18
TO-39
1/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ALD4211_05CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES 1 2 3 4 5 MoreAdvanced Linear Devices
ISL55110_0712Dual High Speed MOSFET Driver 1 2 3 4 5 MoreIntersil Corporation
PS9601_01HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER 1 2 3 4 5 MoreNEC
FTP-628MCL0532” HIGH SPEED THERMAL PRINTER 1 2 3 4 5 MoreFujitsu Component Limited.
K6E1004C1B256Kx4 Bit with OE High Speed Static RAM 5V Operating Evolutionary Pin out 1 2 3 4 5 MoreSamsung semiconductor
ZTX310NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
TSHF5410High Speed Infrared Emitting Diode in T-1 3/4 Package 1 2 3 4 5 MoreVishay Siliconix
M9532032 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock 1 2 3 4 5 MoreSTMicroelectronics
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl