Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9187-11GSP Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9187-11GSP
Description  1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187-11GSP Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9187-11GSP Datasheet HTML 1Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 2Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 3Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 4Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 5Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 6Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 7Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 8Page - Richtek Technology Corporation RT9187-11GSP Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9187
8
DS9187-09 April 2008
www.richtek.com
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.800
1.000
0.031
0.039
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
2.950
3.050
0.116
0.120
D2
2.100
2.350
0.083
0.093
E
2.950
3.050
0.116
0.120
E2
1.350
1.600
0.053
0.063
e
0.650
0.026
L
0.425
0.525
0.017
0.021
V-Type 8L DFN 3x3 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A


Similar Part No. - RT9187-11GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187-10GQV RICHTEK-RT9187-10GQV Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-10PQV RICHTEK-RT9187-10PQV Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-12GQV RICHTEK-RT9187-12GQV Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-12PQV RICHTEK-RT9187-12PQV Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-15GQV RICHTEK-RT9187-15GQV Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9187-11GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
   800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com