Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9172F-33PS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9172F-33PS
Description  3A Fixed Output Voltage LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172F-33PS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9172F-33PS Datasheet HTML 3Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 4Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 5Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 6Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 7Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 8Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 9Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 10Page - Richtek Technology Corporation RT9172F-33PS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT9172
7
DS9172-15 April 2008
www.richtek.com
Typical Operating Characteristics
Temperature Stability
2.40
2.44
2.48
2.52
2.56
2.60
-35
-15
5
25
45
65
85
105
125
Temperature
(°C)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
VIN = VO + 1.0V
ILOAD = 10mA
Quiescent Current vs. Load Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load Current (A)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
VIN = VO + 1.0V
Quiescent Current vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-35
-15
5
25
45
65
85
105
125
Temperature
(°C)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
VIN = VO + 1.0V
ILOAD = 10mA
Quiescent Current vs. Supply Voltage
0.0
0.3
0.6
0.9
1.2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
VIN = 2V to 6V
ILOAD = 10mA
Dropout Voltage (VIN - VOUT)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.00.5
1.01.5
2.02.5
3.0
Load Current (A)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
TJ = 25°C
TJ = 125°C
Current Limit vs. Temperature
2.0
2.8
3.6
4.4
5.2
6.0
-35
-15
5
25
45
65
85
105
125
Temperature
(°C)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
VIN = VOUT + 1.0V


Similar Part No. - RT9172F-33PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172F-33PS RICHTEK-RT9172F-33PS Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172F-33PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com