Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC0900B-30S Datasheet(PDF) 2 Page - Anaren Microwave

Part # XC0900B-30S
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0900B-30S Datasheet(HTML) 2 Page - Anaren Microwave

  XC0900B-30S Datasheet HTML 1Page - Anaren Microwave XC0900B-30S Datasheet HTML 2Page - Anaren Microwave XC0900B-30S Datasheet HTML 3Page - Anaren Microwave XC0900B-30S Datasheet HTML 4Page - Anaren Microwave XC0900B-30S Datasheet HTML 5Page - Anaren Microwave XC0900B-30S Datasheet HTML 6Page - Anaren Microwave XC0900B-30S Datasheet HTML 7Page - Anaren Microwave XC0900B-30S Datasheet HTML 8Page - Anaren Microwave XC0900B-30S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC2100A-20
Rev D
Directional Coupler Pin Configuration
The XC2100A-20 has an orientation marker to denote Pin 1. Once port one has been identified the other ports are
known automatically. Please see the chart below for clarification:
20dB Coupler Pin Configuration
Pin 1
Pin 2
Pin 3
Pin 4
Input
Direct
Isolated
Coupled
Direct
Input
Coupled
Isolated
Note: The direct port has a DC connection to the input port and the coupled port has a DC connection to the
isolated port. For optimum performance use Pin 1 or Pin 2 as inputs.


Similar Part No. - XC0900B-30S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900B-30S ANAREN-XC0900B-30S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
More results

Similar Description - XC0900B-30S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com