Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7952SBDBTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7952SBDBTRG4
Description  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7952SBDBTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7952SBDBTRG4 Datasheet HTML 1Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 2Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 3Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 4Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 5Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 6Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 7Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 8Page - Texas Instruments ADS7952SBDBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ADS79XX BLOCK DIAGRAM
Compare
Alarm
Threshold
ControlLogic
&
Sequencing
SDI
SCLK
CS
SDO
MXO AINP
REF
ADC
GPIO
BDGND
VBD
+VA
AGND
Ch0
Ch1
Ch2
Chn*
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
SLAS605 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
NOTE: n* is number of channels (16,12,8, or 4) depending on the device from the ADS79XX product family.
ORDERING INFORMATION - 12-BIT
MAXIMUM
MAXIMUM
NO MISSING
TRANSPORT
PACKAGE
INTEGRAL
DIFFERENTIAL
CODES AT
NUMBER OF
PACKAGE
TEMPERATURE
ORDERING
MODEL
MEDIA
LINEARITY
LINEARITY
RESOLUTION
CHANNELS
DESIGNATOR
RANGE
INFORMATION
TYPE
QTY
(LSB)
(LSB)
(BIT)
ADS7953SBDBT
Tube, 50
ADS7953 SB
16
38 pin TSSOP
ADS7953SBDBTR
Reel, 2000
ADS7952SBDBT
Tube, 50
ADS7952 SB
12
38 pin TSSOP
ADS7952SBDBTR
Reel, 2000
±1
±1
12
DBT
–40°C to 125°C
ADS7951SBDBT
Tube, 60
ADS7951 SB
8
30 pin TSSOP
ADS7951SBDBTR
Reel, 2000
ADS7950SBDBT
Tube, 60
ADS7950 SB
4
30 pin TSSOP
ADS7950SBDBTR
Reel, 2000
ADS7953SDBT
Tube, 50
ADS7953 S
16
38 pin TSSOP
ADS7953SDBTR
Reel, 2000
ADS7952SDBT
Tube, 50
ADS7952 S
12
38 pin TSSOP
ADS7952SDBTR
Reel, 2000
±1.5
±2
11
DBT
–40°C to 125°C
ADS7951SDBT
Tube, 60
ADS7951S
8
30 pin TSSOP
ADS7951SDBTR
Reel, 2000
ADS7950SDBT
Tube, 60
ADS7950 S
4
30 pin TSSOP
ADS7950SDBTR
Reel, 2000
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Similar Part No. - ADS7952SBDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7952SBDBTRG4 TI1-ADS7952SBDBTRG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952SBDBTRG4 TI1-ADS7952SBDBTRG4 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7952SBDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com