Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9172N-16PS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9172N-16PS
Description  3A Fixed Output Voltage LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172N-16PS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9172N-16PS Datasheet HTML 6Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 7Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 8Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 9Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 10Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 11Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 12Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 13Page - Richtek Technology Corporation RT9172N-16PS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT9172
10
DS9172-15 April 2008
www.richtek.com
Application Information
Capacitor Selection
An output capacitor as part of the device frequency
compensation to maintain stability and improve
transient response.
Proper capacitor selection is important to ensure proper
operation. When the output capacitor is 10
μF or greater,
the output capacitor should have an ESR less than 2
Ω.
This will improve transient response as well as promote
stability.
Ultra-low-ESR capacitor (<100m
Ω), such as ceramic
chip capacitors, may promote instability. These very
low ESR levels may cause an oscillation and/or
underdamped transient response. A low-ESR solid
tantalum capacitor works extremely well and provides
good transient response and stability over temperature.
Aluminum electrolytics can also be used, as long as
the ESR of the capacitor is <2
Ω. The value of the output
capacitor can be increased without limit. Higher
capacitor values help to improve transient response
and ripple rejection and reduce output noise.
The RT9172 requires a minimum input capacitance of
1
μF between the input and ground pins to prevent any
impedance interactions with the supply. The RT9172
requires a minimum of 10
μF (tantalum, or electrolytic)
capacitance between the output and ground pins for
proper operation. Please note that the part must be
paralleled with the least a 100
μF electrolytic capacitor
when using a 10
μF (or greater) ceramic type as the
output capacitor to prevent the output oscillating.
Error Operation (FLG)
The RT9172 produces a logic low signal at the FLG pin
when the output drops out of regulation due to low input
voltage, current limiting, or thermal limiting.
The internal error FLG comparator has an open drain
output stage. Hence, the FLG pin should be pulled high
through a pull up resistor.
Sense Pin
In applications where the regulator output is not very close
to the load, RT9172 can provide better remote load
regulation using the SENSE pin. Figure 2. and Figure 3.
depict the advantage of the SENSE option. RT9172
regulates the voltage at the output pin. Hence, the voltage
at the remote load will be the regulator output voltage
minus the drop across the trace resistance. For example,
in the case of a 3.3V output, if the trace resistance is
100m
Ω, the voltage at the remote load will be 3V with 3A
of load current, ILOAD. The RT9172 regulates the voltage
at the sense pin. Connecting the sense pin to the remote
load will provide regulation at the remote load, as shown
in Figure 2. and Figure 3.
Chip Enable Operation
A CMOS logic level signal at the chip enable (EN) pin will
turn-off the regulator. Pin EN must be actively terminated
through a 10k
Ω pull-up resistor for a proper operation. If
this pin is driven from a source that actively pulls high
and low (such as a CMOS rail to rail comparator), the
pull-up resistor is not required. This pin must be tied to
VIN if not used.
Dropout Voltage
The dropout voltage of a regulator is defined as the minimum
input-to-output differential required to stay within 2% of
the output voltage. The RT9172 uses an internal MOSFET
with an RDS(ON) 160m
Ω. For CMOS LDOs, the dropout
voltage is the product of the load current and the RDS(ON)
of the internal MOSFET.
Maximum Output Current Capability
RT9172 can deliver a continuous current of 1.5 A over the
full operating temperature range. Aheatsink may be required
depending on the maximum power dissipation and
maximum ambient temperature of the application. Under
all possible conditions, the junction temperature must be
within the range specified under operating conditions. The
total power dissipation of the device is given by : PD = (VIN
- VOUT) IOUT+ (VIN) IGND
where IGND is the operating ground current of the device
(specified under Electrical Characteristics).


Similar Part No. - RT9172N-16PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172N-16PS RICHTEK-RT9172N-16PS Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172N-16PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com