Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94041YFL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94041YFL
Description  28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94041YFL Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94041YFL Datasheet HTML 1Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 2Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 3Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 4Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 5Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 6Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 7Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 8Page - Micrel Semiconductor MIC94041YFL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC94040/1/2/3
May 2008
3
M9999-053008-A
Absolute Maximum Ratings(1)
Input Voltage (VIN) ...........................................................+6V
Enable Voltage (VEN) ......................................................+6V
Continuous Drain Current (ID)
(3)
TA = 25°C .................................................................±3A
TA = 85°C .................................................................±2A
Pulsed Drain Current (IDP)
(4) .........................................±6.0A
Continuous Diode Current (IS)
(5) ................................–50mA
Storage Temperature (Ts) ......................... –55°C to +150°C
ESD Rating – HBM
(6)....................................................... 3kV
Operating Ratings(2)
Input Voltage (VIN) ..........................................+1.7 to +5.5V
Junction Temperature (TJ) .......................–40°C to +125°C
Package Thermal Resistance
MLF
® (qJC) ........................................................90°C/W
Electrical Characteristics
TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEN_TH
Enable Threshold Voltage
VIN = 1.7V to 4.5V, ID = –250µA
0.4
1.2
V
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94040, MIC94041
0.1
1
IQ
Quiescent Current
VIN = VEN = 5.5V, ID = OPEN
Measured on VIN MIC94042, MIC94043
7
10
µA
IEN
Enable Input Current
VIN = VEN = 5.5V, ID = OPEN
2.5
4
µA
ISHUT-Q
Quiescent Current (shutdown)
VIN = +5.5V, VEN = 0V, ID = OPEN
Measured on VIN
0.1
1
µA
ISHUT-SWITCH
OFF State Leakage Current
VIN = +5.5V, VEN = 0V, ID = SHORT
Measured on VOUT,
(7)
0.1
1
µA
VIN = +5.0V, ID = –100mA, VEN = 1.5V
28
55
mΩ
VIN = +4.5V, ID = –100mA, VEN = 1.5V
30
60
mΩ
VIN = +3.6V, ID = –100mA, VEN = 1.5V
33
65
mΩ
VIN = +2.5V, ID = –100mA, VEN = 1.5V
45
90
mΩ
VIN = +1.8V, ID = –100mA, VEN = 1.5V
72
145
mΩ
RDS(ON)
P-Channel Drain to Source ON
Resistance
VIN = +1.7V, ID = –100mA, VEN = 1.5V
82
160
mΩ
RSHUTDOWN
Turn-Off Resistance
(MIC94041, MIC94043)
VIN = +3.6V, ITEST = 1mA, VEN = 0V
250
400
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. With thermal contact to PCB. See thermal considerations section.
4. Pulse width <300µs with < 2% duty cycle.
5. Continuous body diode current conduction (reverse conduction, i.e. VOUT to VIN) is not recommended.
6. Devices are ESD sensitive. Handling precautions recommended. HBM (Human body model), 1.5kΩ in series with 100pF.
7. Measured on the MIC94040YFL and MIC94042YFL.


Similar Part No. - MIC94041YFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94041YFL MICREL-MIC94041YFL Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
More results

Similar Description - MIC94041YFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
MIC94080 MICREL-MIC94080 Datasheet
1Mb / 16P
   67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package
MIC5302 MICREL-MIC5302 Datasheet
354Kb / 8P
   150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
   150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC95410 MICREL-MIC95410 Datasheet
843Kb / 16P
   6.6m廓 RDS(ON), 7A, 5.5V VIN Load Switch in 1.2mm 횞 2.0mm QFN Package
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
logo
MMD Components
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
   5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com