Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94041 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC94041
Description  28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94041 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC94041 Datasheet HTML 4Page - Micrel Semiconductor MIC94041 Datasheet HTML 5Page - Micrel Semiconductor MIC94041 Datasheet HTML 6Page - Micrel Semiconductor MIC94041 Datasheet HTML 7Page - Micrel Semiconductor MIC94041 Datasheet HTML 8Page - Micrel Semiconductor MIC94041 Datasheet HTML 9Page - Micrel Semiconductor MIC94041 Datasheet HTML 10Page - Micrel Semiconductor MIC94041 Datasheet HTML 11Page - Micrel Semiconductor MIC94041 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MIC94040/1/2/3
May 2008
8
M9999-053008-A
MIC94041


Similar Part No. - MIC94041

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94041 MICREL-MIC94041 Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94041YFL MICREL-MIC94041YFL Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
More results

Similar Description - MIC94041

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
MIC94080 MICREL-MIC94080 Datasheet
1Mb / 16P
   67m廓 RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF Package
MIC5302 MICREL-MIC5302 Datasheet
354Kb / 8P
   150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
   150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC95410 MICREL-MIC95410 Datasheet
843Kb / 16P
   6.6m廓 RDS(ON), 7A, 5.5V VIN Load Switch in 1.2mm 횞 2.0mm QFN Package
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
logo
MMD Components
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
   5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com