Electronic Components Datasheet Search |
|
RM705524 Datasheet(PDF) 4 Page - Tyco Electronics |
|
RM705524 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 4 page Datasheet Rev. GB1 Issued 2007/02 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays 4 Power Relay RM 2/3/7 (Continued) Product key Contacts Version Enclosure Coil Coil Part number RM202024 2 CO contacts without plain cover DC-coil 24 VDC 8-1393149-2 RM202524 16 A test button quick c. 4.8 mm AC-coil 24 VAC 1-1393146-9 RM202615 115 VAC 2-1393146-0 RM202730 230 VAC 1-1393148-4 RM203024 mounting brackets DC-coil 24 VDC 1-1393148-6 RM203524 quick c. 4.8 mm AC-coil 24 VAC 2-1393146-5 RM203615 115 VAC 2-1393146-6 RM203730 230 VAC 2-1393146-8 RM205024 mounting brackets DC-coil 24 VDC 2-1393146-9 RM205524 quick c. 6.3 mm AC-coil 24 VAC 3-1393146-0 RM205615 115 VAC 3-1393146-1 RM205730 230 VAC 3-1393146-2 RM207024 PCB version DC-coil 24 VDC 3-1393146-3 RM207615 AC-coil 115 VAC 8-1393149-5 RM207730 230 VAC 3-1393146-4 RM208024 DIN-snap-on DC-coil 24 VDC 3-1393146-5 RM208730 horizontal AC-coil 230 VAC 8-1393149-6 RM209730 DIN vertical 230 VAC 3-1393146-6 RM232024 with plain cover DC-coil 24 VDC 3-1393146-8 RM232524 test button quick c. 4.8 mm AC-coil 24 VAC 3-1393146-9 RM232615 115 VAC 4-1393146-0 RM232730 230 VAC 3-1393107-4 RM233024 mounting brackets DC-coil 24 VDC 3-1393107-5 RM233615 quick c. 4.8 mm AC-coil 115 VAC 4-1393146-2 RM235024 mounting brackets DC-coil 24 VDC 8-1393149-8 RM235730 quick c. 6.3 mm AC-coil 230 VAC 4-1393146-5 RM239730 DIN vertical 230 VAC 4-1393148-7 RM302024 3 CO contacts without plain cover DC-coil 24 VDC 8-1393149-9 RM302524 10 A test button quick c. 4.8 mm AC-coil 24 VAC 5-1393146-3 RM302615 115 VAC 5-1393146-4 RM302730 230 VAC 5-1419150-3 RM303024 mounting brackets DC-coil 24 VDC 6-1393148-4 RM303615 quick c. 4.8 mm AC-coil 115 VAC 5-1393146-5 RM303730 230 VAC 5-1393146-7 RM307024 PCB version DC-coil 24 VDC 7-1393148-2 RM307730 AC-coil 230 VAC 5-1393146-9 RM332024 with plain cover DC-coil 24 VDC 9-1393149-2 RM332524 test button quick c. 4.8 mm AC-coil 24 VAC 9-1393149-3 RM332730 230 VAC 9-1393149-4 RM333024 mount. br. q.c.4.8 DC-coil 24 VDC 9-1393149-6 RM335730 mount. br. q.c.6.3 AC-coil 230 VAC 6-1393107-1 RM338730 DIN horizontal 230 VAC 7-1393148-7 RM339730 DIN vertical 230 VAC 6-1393107-2 RM702024 3 CO contacts without plain cover DC-coil 24 VDC 8-1393146-5 RM702524 16 A test button quick c. 4.8 mm AC-coil 24 VAC 0-1393844-9 RM702615 115 VAC 1-1393844-0 RM702730 230 VAC 1-1393844-1 RM703024 mounting brackets DC-coil 24 VDC 1-1393844-2 RM703524 quick c. 4.8 mm AC-coil 24 VAC 9-1393146-1 RM703615 115 VAC 9-1393146-2 RM703730 230 VAC 9-1393146-4 RM705024 mounting brackets DC-coil 24 VDC 9-1393146-6 RM705524 quick c. 6.3 mm AC-coil 24 VAC 9-1393146-7 RM705615 115 VAC 1-1393844-4 RM705730 230 VAC 1-1393844-5 RM707024 PCB version DC-coil 24 VDC 9-1393146-8 RM707524 AC-coil 24 VAC 0-1393147-1 RM707730 230 VAC 0-1393147-2 RM708024 DIN horizontal DC-coil 24 VDC 0-1393147-4 RM708730 quick c. 6.3 mm AC-coil 230 VAC 1-1419136-0 RM709024 DIN vertical DC-coil 24 VDC 2-1393149-2 RM709730 AC-coil 230 VAC 0-1393147-5 RM732024 with plain cover DC-coil 24 VDC 1-1393844-7 RM732524 test button quick c. 4.8 mm AC-coil 24 VAC 1-1393147-0 RM732615 115 VAC 1-1393147-1 RM732730 230 VAC 1-1393844-8 RM733730 mount.br. q.c. 4.8 230 VAC 1-1393147-5 RM735024 mounting brackets DC-coil 24 VDC 3-1393149-6 RM735524 quick c. 6.3 mm AC-coil 24 VAC 3-1393149-7 RM735730 230 VAC 4-1393149-1 RM737730 PCB version 230 VAC 2-1393147-0 RM738024 DIN-snap-on DC-coil 24 VDC 2-1393844-0 RM738730 horizontal AC-coil 230 VAC 2-1393147-2 RM739024 DIN-snap-on DC-coil 24 VDC 4-1393149-5 RM739730 vertical AC-coil 230 VAC 2-1393844-2 |
Similar Part No. - RM705524 |
|
Similar Description - RM705524 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |