Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2100E-20S Datasheet(PDF) 5 Page - Anaren Microwave

Part # XC2100E-20S
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100E-20S Datasheet(HTML) 5 Page - Anaren Microwave

  XC2100E-20S Datasheet HTML 1Page - Anaren Microwave XC2100E-20S Datasheet HTML 2Page - Anaren Microwave XC2100E-20S Datasheet HTML 3Page - Anaren Microwave XC2100E-20S Datasheet HTML 4Page - Anaren Microwave XC2100E-20S Datasheet HTML 5Page - Anaren Microwave XC2100E-20S Datasheet HTML 6Page - Anaren Microwave XC2100E-20S Datasheet HTML 7Page - Anaren Microwave XC2100E-20S Datasheet HTML 8Page - Anaren Microwave XC2100E-20S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2100A-20
Rev D
Typical Performance (-55°C, 25°C and 95°C): 2000-2300 MHz
2000
2050
2100
2150
2200
2250
2300
-21
-20.8
-20.6
-20.4
-20.2
-20
-19.8
-19.6
-19.4
-19.2
-19
Frequency (MHz)
Coupling for XC2100A-20 (Feeding Port 1)
- 55ºC
25ºC
95ºC
2000
2050
2100
2150
2200
2250
2300
-0.2
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Frequency (MHz)
Insertion Loss for XC2100A-20 (Feeding Port 1)
- 55ºC
25ºC
95ºC
2000
2050
2100
2150
2200
2250
2300
-0.2
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Frequency (MHz)
Transmission Loss for XC2100A-20 (Feeding Port 1)
- 55ºC
25ºC
95ºC
2000
2050
2100
2150
2200
2250
2300
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Directivity for XC2100A-20 (Feeding Port 1)
- 55ºC
25ºC
95ºC


Similar Part No. - XC2100E-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100E-20S ANAREN-XC2100E-20S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC2100E-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com