Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V54C3128804VBGA Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V54C3128804VBGA
Description  128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3128804VBGA Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V54C3128804VBGA Datasheet HTML 1Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3128804VBGA Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
MOSEL VITELIC
1
V54C3128(16/80/40)4V(BGA)
128Mbit SDRAM
3.3 VOLT, BGA PACKAGE
8M X 16
16M X 8
32M X 4
V54C3128(16/80/40)4V(BGA) Rev. 1.2 September 2001
PRELIMINARY
67PC
78PC
System Frequency (fCK)
166 MHz
143 MHz
143 MHz
125 MHz
Clock Cycle Time (tCK3)
6 ns
7 ns
7 ns
8 ns
Clock Access Time (tAC3)CAS Latency = 3
5.4 ns
5.4 ns
5.4 ns
6 ns
Clock Access Time (tAC2) CAS Latency = 2
5.4 ns
5.4 ns
6 ns
6 ns
Features
s 4 banksx2Mbit x16 organization
s 4 banks x 4Mbit x 8 organization
s 4 banks x 8Mbit x 4 organization
s High speed data transfer rates up to 166 MHz
s Full Synchronous Dynamic RAM, with all signals
referenced to clock rising edge
s Single Pulsed RAS Interface
s Data Mask for Read/Write Control
s Four Banks controlled by BA0 & BA1
s Programmable CAS Latency: 2, 3
s Programmable Wrap Sequence: Sequential or
Interleave
s Programmable Burst Length:
1, 2, 4, 8 for Sequential Type
1, 2, 4, 8 for Interleave Type
s Multiple Burst Read with Single Write Operation
s Automatic and Controlled Precharge Command
s Random Column Address every CLK (1-N Rule)
s Power Down Mode
s Auto Refresh and Self Refresh
s Refresh Interval: 4096 cycles/64 ms
s Availablein60Pin WBGA
s LVTTL Interface
s Single +3.3 V
±0.3 V Power Supply
Description
The V54C3128(16/80/40)4V(BGA) is a four bank
Synchronous DRAM organized as 4 banks x 2Mbit
x 16, 4 banks x 4Mbit x 8, or 4 banks x 8Mbit x 4.
The V54C3128(16/80/40)4V(BGA) achieves high
speed data transfer rates up to 166 MHz by employ-
ing a chip architecture that prefetches multiple bits
and then synchronizes the output data to a system
clock
All of the control, address, data input and output
circuits are synchronized with the positive edge of
an externally supplied clock.
Operating the four memory banks in an inter-
leaved fashion allows random access operation to
occur at higher rate than is possible with standard
DRAMs. A sequential and gapless data rate of up to
166 MHz is possible depending on burst length,
CAS latency and speed grade of the device.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
B6
7PC
7
8PC
Std.
L
0
°Cto 70°C
••
•••
Blank


Similar Part No. - V54C3128804VBGA

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128804VAT MOSEL-V54C3128804VAT Datasheet
362Kb / 43P
   HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
V54C3128804VAT7 MOSEL-V54C3128804VAT7 Datasheet
362Kb / 43P
   HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
V54C3128804VAT8 MOSEL-V54C3128804VAT8 Datasheet
362Kb / 43P
   HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
More results

Similar Description - V54C3128804VBGA

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
   128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
Samsung semiconductor
K4N26323AE SAMSUNG-K4N26323AE Datasheet
826Kb / 52P
   128Mbit GDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
   128Mbit DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com