Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6282ELPTR-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6282ELPTR-T
Description  16-Channel Constant-Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6282ELPTR-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6282ELPTR-T Datasheet HTML 1Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 2Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 3Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 4Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6282ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
A6282
Description
TheA6282deviceisdesignedforLEDdisplayapplications.This
CMOS device includes an input shift register, accompanying
data latches, and 16 MOS constant current sink drivers.
The CMOS shift registers and latches allow direct interfacing
with microprocessor-based systems. With a 3.3 or 5 V logic
supply, typical serial data input rates can reach up to 30 MHz.
The LED drive current level can be set by a single external
resistor, selected by the application designer. A serial data
output permits cascading of multiple devices in applications
requiring additional drive lines.
The A6282 is available in two 24-terminal packages: QFN
(package ES) and TSSOP (LP), which have an exposed
thermal pad. Both packages are lead (Pb) free with 100% matte
tin leadframe plating.
Applications include the following:
▪ Monocolor, multicolor, or full-color LED display
▪ Monocolor, multicolor, or full-color LED signboard
▪ Display backlighting
▪ Multicolor LED lighting
6282-DS, Rev. 4
Features and Benefits
▪ 16 constant-current outputs, up to 50 mA each
▪ LED output voltage up to 12 V
▪ 3.0 to 5.5 V logic supply range
▪ Schmitt trigger inputs for improved noise immunity
▪ Power-On Reset (POR), all register bits = 0
▪ Low-power CMOS logic and latches
▪ High data input rate: 30 MHz
▪ Output current accuracy: between channels < ±3% and
between ICs ±7%, over the full operating temperature
range
▪ Internal UVLO and thermal shutdown (TSD) circuitry
16-Channel Constant-Current LEDDriver
Typical Application
Controller
CLK
LE
SDO
REXT
A6282
IC 1
A6282
IC 2
OE
SDI
SDI
10 μF
100 nF
OUT0
OUT15
VLED
VDD
CLK
LE
OE
CLK
LE
OE
REXT
100 nF
VDD
10 μF
OUT0
OUT15
SDO
SDI
GND
GND
VDD
VDD
Not to scale
24-contact QFN
4 mm × 4 mm × 0.75 mm
(Package ES)
24-pin TSSOP
with exposed thermal pad
(Package LP)
Cascaded A6282 devices
Packages:


Similar Part No. - A6282ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
   16-Channel Constant-Current LED Driver
More results

Similar Description - A6282ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com