Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS675LSETN-HT-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS675LSETN-HT-T
Description  Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS675LSETN-HT-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS675LSETN-HT-T Datasheet HTML 4Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 5Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 6Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 7Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 8Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 9Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 10Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 11Page - Allegro MicroSystems ATS675LSETN-HT-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Self-Calibrating TPOS Speed Sensor
Optimized for Automotive Cam Sensing Applications
ATS675LSE
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reference Target 8x
Characteristic
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
tV
Ø
DO
ht
F
Branded Face
of Sensor
Air Gap
Face Width
F
Breadth of tooth, with respect to
sensor
6mm
Circular Tooth Length
t
Length of tooth, with respect to
sensor; measured at Do
23.6
mm
Circular Valley Length
tv
Length of valley, with respect to
sensor; measured at Do
23.6
mm
Tooth Whole Depth
ht
5mm
Material
CRS 1018
Reference Target 8X
of Sensor
Branded Face
Figure 6. Configuration with Reference Target


Similar Part No. - ATS675LSETN-HT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS675 ALLEGRO-ATS675 Datasheet
364Kb / 14P
   Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
More results

Similar Description - ATS675LSETN-HT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS675 ALLEGRO-ATS675 Datasheet
364Kb / 14P
   Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
ATS673 ALLEGRO-ATS673 Datasheet
668Kb / 20P
   Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 ALLEGRO-ATS673_06 Datasheet
644Kb / 19P
   Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS16301 ALLEGRO-ATS16301 Datasheet
694Kb / 13P
   Self-Calibrating Automatic-TPOS Camshaft Speed Sensor IC
August 13, 2019
A16311 ALLEGRO-A16311 Datasheet
759Kb / 12P
   Self-Calibrating Automatic-TPOS Camshaft Speed Sensor IC
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
   TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
   Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
   Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com