Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY531024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RY531024
Description  Miniature Power PCB RY II & RY II reflow-solderable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RY531024 Datasheet(HTML) 2 Page - Tyco Electronics

  RY531024 Datasheet HTML 1Page - Tyco Electronics RY531024 Datasheet HTML 2Page - Tyco Electronics RY531024 Datasheet HTML 3Page - Tyco Electronics RY531024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose Relays
2
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB RY II & RY II reflow-solderable (Continued)
Insulation
CO contact
NO contact
Dielectric strength coil-contact circuit
5000 Veff
open contact circuit
1000 Veff
Clearance / creepage coil-contact circuit
W 8 / 8 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250, PTI 175*
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
250 V
Pollution degree
3
2
3
Rated voltage system
230 V
400 V
230 / 400 V
Overvoltage category
III
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0403
Flammability class according to UL94
V-0
GWFI to IEC 60335-1
> 850 °C**
GWT to IEC 60335-1
> 750 °C**
Ambient temperature range
-40...+70°C
Ambient temperature max.
85°C at 6A
Operate- / release time
typ. 7 / 3 ms
Bounce time NO / NC contact
typ. 2.5 / 4.5 ms
Vibration resistance (function) NO / NC contact
20 / 5 g
Shock resistance (function) NO / NC contact
20 / 5 g
Shock resistance (destruction)
100 g
Category of protection
RTII-flux proof, RTIII- wash tight**
Mounting
pcb
Mounting position
any
Minimum mounting distance
W 0mm
Soldering heat resistance flux proof version
270°C / 10 s
wash tight version
260°C / 5 s
Relay weight
8 g
Packaging unit
20 / 500 pcs
Accessoires
For technical details see datasheet
Accessoires RYII
*
reflow-solderable version
**
not as reflow-solderable version
PCB layout / terminal assignment
Bottom view on solder pins
1 CO contact, 3.2 mm
1 NO, 1 NC contact 5 mm
S0254-AA
S0254-AB
S0254-AC
S0254-AD
S0254-AF
S0254-AE
S0274-CA
S0274-CB
Dimensions
Pinning 3.2 mm
Pinning 5 mm


Similar Part No. - RY531024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RY531024 MACOM-RY531024 Datasheet
460Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
RY531024 MACOM-RY531024 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RY531024 TEC-RY531024 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
Tyco Electronics
RY531024R MACOM-RY531024R Datasheet
460Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
RY531024R MACOM-RY531024R Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results

Similar Description - RY531024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RY210005 MACOM-RY210005_05 Datasheet
177Kb / 3P
   Miniature Power PCB Relay RY II
logo
IDEC Corporation
RY42S-UDC24V IDEC-RY42S-UDC24V Datasheet
2Mb / 11P
   RY/RM Series Miniature Relays
logo
Tyco Electronics
1-1393225-0 MACOM-1-1393225-0 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-2 MACOM-2-1393225-2 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-6 MACOM-2-1393224-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-6 MACOM-2-1393225-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-9 MACOM-2-1393225-9 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
RY611012R MACOM-RY611012R Datasheet
460Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RYII TEC-RYII Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
Tyco Electronics
2-1393224-4 MACOM-2-1393224-4 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com