Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT571615 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PT571615
Description  Miniature Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT571615 Datasheet(HTML) 2 Page - Tyco Electronics

  PT571615 Datasheet HTML 1Page - Tyco Electronics PT571615 Datasheet HTML 2Page - Tyco Electronics PT571615 Datasheet HTML 3Page - Tyco Electronics PT571615 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General Purpose Relays
2
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Relay PT (Continued)
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...230 VAC
Coil power DC coil
0.75 mW
AC coil
1.0 VA
Operative range DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C, % of Urtd
90..110%
Coil versions, DC-coil
Coil code
Rated
Operate
Release
Coil
Rated coil opt. LED
STD LED
LED+
voltage
voltage
voltage
resistance
power
power
bipolar
PD*
VDC
VDC
VDC
Ohm
mW
mW
006
L06
LA6
6
4.5
0.6
48+10%
750
3.5
012
L12
LB2
12
9.0
1.2
192+10%
750
10
024
L24
LC4
24
18.0
2.4
777+10%
741
18
048
L48
LE8
48
36.0
4.8
3072+10%
750
38
060
L60
LG0
60
45.0
6.0
4845+12%
743
56
110
M10
MB0
110
82.5
11.0
16133+15%
750
96.5
220
N20
NC0
220
165.0
22.0
64533+15%
750
202.5
All figures are given for coil without preenergization, at ambient temperature +23°C
*) Protection diode PD; standard polarity: +A1 / -A2
Coil versions, AC-coil 50/60 Hz
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ohm
VA
506
R06
6
4.8/5.4
1.8
11+10%
1.0/0.85
512
R12
12
9.6/10.8
3.6
48+10%
1.0/0.85
524
R24
24
19.2/21.6
7.2
192+
+10%
1.0/0.79
548
R48
48
38.4/43.2
14.4
777+10%
1.0/0.87
560
R60
60
48.0/54.0
18.0
1306+10%
1.0/0.87
615
S15
115
92.0/103.5
34.5
4845+12%
1.0/0.86
730
T30
230
184.0/207.0
69.0
19465+
+15%
1.0/0.90
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
PT2
PT3
PT5
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
W 4/4 mm
W 4/4 mm
adjacent contact circuits W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
250 V
250 V
Pollution degree
2
2
2
Rated voltage system
240/400 V
240 V
240 V
Overvoltage category
III
III
III
Other data
RoHS - Directive 2002/95/EC
compliant
Ambient temperature range
-40...+70°C
Operate time
15 ms
Release time without / with protection diode
10 / 18 ms
Bounce time NO / NC contact
5 ms
Vibration resistance (function) NO / NC contact
7/4 g
Shock resistance (function) NO / NC contact
20/5 g
Category of protection
RTII- flux proof
Mounting distance
0 mm, dense packing
Resistance to soldering heat
270°C / 10s
Relay weight
30 g
Packaging unit
10/250 pcs


Similar Part No. - PT571615

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
   2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
More results

Similar Description - PT571615

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Kepont Electronics, Inc...
KS2E-M-DC3 KEPONT-KS2E-M-DC3 Datasheet
152Kb / 1P
   Miniature Power Relay
logo
Tyco Electronics
LNH MACOM-LNH Datasheet
83Kb / 3P
   Miniature Power Relay
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
logo
American Zettler, Inc.
AZ673 AZETTLER-AZ673 Datasheet
130Kb / 2P
   MINIATURE POWER RELAY
AZ683 AZETTLER-AZ683 Datasheet
118Kb / 2P
   MINIATURE POWER RELAY
logo
Kepont Electronics, Inc...
KS2E-M-DC12 KEPONT-KS2E-M-DC12 Datasheet
152Kb / 1P
   Miniature Power Relay
logo
List of Unclassifed Man...
ST482-U1 ETC2-ST482-U1 Datasheet
118Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
   Miniature Relay PT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com