Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23061-B2007-A401 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23061-B2007-A401
Description  Miniature Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23061-B2007-A401 Datasheet(HTML) 2 Page - Tyco Electronics

  V23061-B2007-A401 Datasheet HTML 1Page - Tyco Electronics V23061-B2007-A401 Datasheet HTML 2Page - Tyco Electronics V23061-B2007-A401 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. GH1
Issued 2007/08
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Miniature Power PCB Relay MSR (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 CO contact, 3.2 mm
1 NO contact, 5 mm
1 CO contact, 3.2 mm
1 NO contact, 5 mm
S0255-AA
S0255-AB
S0255-AH
S0255-AI
S0275-AH
S0275-AA
Insulation
CO contact
NO contact
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mms
W 8/8mm
Material group of insulation parts
IIIb
IIIb
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
reinforced
open contact circuit
functional
functional
Rated insulation voltage
250 V
250 V
Pollution degree
3
2
3
Rated voltage system
230 V
400 V
230 / 400 V
Overvoltage category
III
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0404
Flammability class according to UL94
V-0
For WG version: GWFI to IEC 60335-1
> 850 °C
GWIT to IEC 60335-1
> 775 °C
Ambient temperature range
-40...+85°C
Operate- / release time
6 / 2,5 ms
Bounce time NO / NC contact
0,5 / 4 ms
Vibration resistance (function) NO / NC contact
10 / 4 g
Shock resistance (function) NO / NC contact
20 / 5 g
Shock resistance (destruction)
100 g
Category of protection
RTII-flux proof; RTIII- wash tight
Mounting
pcb
Mounting position
any
Minimum mounting distance
0 mm
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5s
Relay weight
11 g
Packaging unit
20 / 1000 pcs


Similar Part No. - V23061-B2007-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23061-B1002-A301 MACOM-V23061-B1002-A301 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
V23061-B1002-A301 MACOM-V23061-B1002-A301 Datasheet
255Kb / 3P
   Miniature Power PCB Relay MSR V23061
logo
TE Connectivity Ltd
V23061-B1002-A301 TEC-V23061-B1002-A301 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
V23061-B1002-A501 MACOM-V23061-B1002-A501 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
V23061-B1002-A601 MACOM-V23061-B1002-A601 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
More results

Similar Description - V23061-B2007-A401

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com