Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX314024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RX314024
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX314024 Datasheet(HTML) 2 Page - Tyco Electronics

  RX314024 Datasheet HTML 1Page - Tyco Electronics RX314024 Datasheet HTML 2Page - Tyco Electronics RX314024 Datasheet HTML 3Page - Tyco Electronics RX314024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. GG1
Issued 2007/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Power PCB Relay RX1 (Continued)
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
Ohm
VA
524
24
18.0
3.6
350+10%
0.76
615
115
86.3
17.3
8100+15%
0.76
730
230
172.5
34.5
32500+15%
0.74
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree 12 A version
3
3
16 A version
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0 1)
Ambient temperature range DC coil
-40...+85°C 2)
AC coil
-40...+70°C
Operate- / release time DC coil
typ 7 / 2 ms
Bounce time DC coil, NO / NC contact
typ 1 / 3 ms
Vibration resistance (function) NO / NC contact
20 / 4 g, 10 ... 150 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting standard version (white cover)
pcb or on socket
transparent version
pcb
Mounting distance
2,5 mm 3)
Resistance to soldering heat flux-proof version
270 °C / 10 s
Relay weight
14 g
Packaging unit
500 pcs
1) Version with transparent cover: V-2
2) Version with transparent cover: -40...+70°C
3) Version with transparent cover: 5 mm
Accessories
For standard version (white cover), details see datasheet
accessories RT


Similar Part No. - RX314024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RX314024 MACOM-RX314024 Datasheet
528Kb / 4P
   Power PCB Relay
RX314024 MACOM-RX314024 Datasheet
246Kb / 4P
   Power PCB Relay RX1
RX314024C MACOM-RX314024C Datasheet
528Kb / 4P
   Power PCB Relay
RX314024C MACOM-RX314024C Datasheet
246Kb / 4P
   Power PCB Relay RX1
More results

Similar Description - RX314024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com