Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT214024 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RT214024
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT214024 Datasheet(HTML) 4 Page - Tyco Electronics

  RT214024 Datasheet HTML 1Page - Tyco Electronics RT214024 Datasheet HTML 2Page - Tyco Electronics RT214024 Datasheet HTML 3Page - Tyco Electronics RT214024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
General Purpose Relays
4
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1 (Continued)
Product key
Version
Contacts
Cont. material
Coil
Coil
Part number
RT114005
12 A
1 CO contact
AgNi 90/10
DC-coil
5 VDC
0-1393239-7
RT114006
pinning 3.5 mm
6 VDC
0-1393239-8
RT114012
flux proof
12 VDC
0-1419108-1
RT114024
24 VDC
1-1393239-3
RT114048
48 VDC
1-1393239-4
RT114110
110 VDC
1-1393239-6
RT114524
AC-coil
24 VAC
1-1393239-7
RT114615
115 VAC
1-1393239-8
RT114730
230 VAC
1-1393239-9
RT134012
1 NO contact
DC-coil
12 VDC
2-1393239-6
RT134024
24 VDC
3-1393239-0
RT214012
12 A, pinning 5mm
1 CO contact
12 VDC
5-1393239-4
RT214024
flux proof
24 VDC
5-1393239-5
RT314005
16 A
5 VDC
9-1393239-1
RT314006
pinning 5 mm
6 VDC
9-1393239-3
RT314012
flux proof
12 VDC
9-1393239-5
RT314024
24 VDC
9-1393239-8
RT314048
48 VDC
0-1393240-1
RT314060
60 VDC
0-1393240-2
RT314110
110 VDC
0-1393240-3
RT314524
AC-coil
24 VAC
0-1393240-4
RT314615
115 VAC
0-1393240-6
RT314730
230 VAC
0-1393240-7
RT315012
AgNi 90/10
DC-coil
12 VDC
1-1393240-1
RT315024
gold plated
24 VDC
1-1393240-4
RT315730
AC-coil
230 VAC
1-1419108-1
RT334012
1 NO contact
AgNi 90/10
DC-coil
12 VDC
4-1393240-5
RT334024
24 VDC
4-1393240-8
RT334048
48 VDC
5-1393240-0
RTB14005
12 A
1 CO contact
5 VDC
1-1393238-2
RTB14012
pinning 3.5 mm
12 VDC
1-1393238-5
RTB14024
wash tight
24 VDC
1-1393238-9
RTB14048
48 VDC
2-1393238-1
RTD14005
16 A
5 VDC
5-1393238-9
RTD14006
pinning 5 mm
6 VDC
6-1393238-0
RTD14012
wash tight
12 VDC
6-1393238-2
RTD14015
15 VDC
6-1393238-4
RTD14024
24 VDC
6-1393238-8
RTD14048
48 VDC
6-1393238-9
RTD34005
1 NO contact
5 VDC
8-1393238-3
RTD34012
12 VDC
3-1419108-5
RTD34024
24 VDC
3-1419108-8


Similar Part No. - RT214024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT214024 MACOM-RT214024 Datasheet
261Kb / 3P
   Interface Power Relay
RT214024 MACOM-RT214024 Datasheet
243Kb / 4P
   Power PCB Relay RT1
RT214024 MACOM-RT214024 Datasheet
211Kb / 3P
   Interface Power Relay RT
RT214024 MACOM-RT214024 Datasheet
267Kb / 3P
   Interface Power Relay RT
RT214024 MACOM-RT214024 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
More results

Similar Description - RT214024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com