Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6A6L10 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SR6A6L10
Description  General Purpose Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6A6L10 Datasheet(HTML) 3 Page - Tyco Electronics

  SR6A6L10 Datasheet HTML 1Page - Tyco Electronics SR6A6L10 Datasheet HTML 2Page - Tyco Electronics SR6A6L10 Datasheet HTML 3Page - Tyco Electronics SR6A6L10 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
Rev. FC1
Issued 2006/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Safety Relay SR6 (Continued)
3
Product key
SR 6
Type
Contact configuration
A
3 NO + 3 NC contacts
B
4 NO + 2 NC contacts
C
5 NO + 1 NC contacts
Contact material
4
AgSnO2, for 1200 mW version only
6
AgSnO2 + 0.2 μm Au, for 800 mW version only
Coil
Coil code = rated coil voltage (e.g. 024=24 VDC)
Available types please see Part Number table
Product key
Type
Contact material
Contact configuration
Coil
Part number
SR6A6K05
6-pole
AgSnO2
3 NO + 3 NC
5 VDC
5-1415537-8
SR6B6K05
safety relay
+ 0.2 μm Au
4 NO + 2 NC
7-1415537-2
SR6C6K05
5 NO + 1 NC
8-1415537-7
SR6A6K06
3 NO + 3 NC
6 VDC
5-1415537-9
SR6B6K06
4 NO + 2 NC
7-1415537-4
SR6C6K06
5 NO + 1 NC
8-1415537-8
SR6A6K09
3 NO + 3 NC
9 VDC
6-1415537-0
SR6B6K09
4 NO + 2 NC
7-1415537-5
SR6C6K09
5 NO + 1 NC
8-1415537-9
SR6A6K12
3 NO + 3 NC
12 VDC
6-1415537-1
SR6B6K12
4 NO + 2 NC
7-1415537-6
SR6C6K12
5 NO + 1 NC
9-1415537-0
SR6A6K15
3 NO + 3 NC
15 VDC
6-1415537-2
SR6B6K15
4 NO + 2 NC
7-1415537-7
SR6C6K15
5 NO + 1 NC
9-1415537-1
SR6A6K18
3 NO + 3 NC
18 VDC
6-1415537-3
SR6B6K18
4 NO + 2 NC
7-1415537-8
SR6C6K18
5 NO + 1 NC
9-1415537-2
SR6A6K21
3 NO + 3 NC
21 VDC
6-1415537-4
SR6B6K21
4 NO + 2 NC
7-1415537-9
SR6C6K21
5 NO + 1 NC
9-1415537-3
SR6A6K24
3 NO + 3 NC
24 VDC
6-1415537-5
SR6B6K24
4 NO + 2 NC
8-1415537-0
SR6C6K24
5 NO + 1 NC
9-1415537-4
SR6A6K36
3 NO + 3 NC
36 VDC
6-1415537-6
SR6B6K36
4 NO + 2 NC
8-1415537-1
SR6C6K36
5 NO + 1 NC
9-1415537-5
SR6A6K40
3 NO + 3 NC
40 VDC
6-1415537-7
SR6B6K40
4 NO + 2 NC
8-1415537-2
SR6C6K40
5 NO + 1 NC
9-1415537-6
SR6A6K48
3 NO + 3 NC
48 VDC
6-1415537-8
SR6B6K48
4 NO + 2 NC
8-1415537-3
SR6C6K48
5 NO + 1 NC
9-1415537-7
SR6A6K60
3 NO + 3 NC
60 VDC
6-1415537-9
SR6B6K60
4 NO + 2 NC
8-1415537-4
SR6C6K60
5 NO + 1 NC
9-1415537-8
SR6A6K85
3 NO + 3 NC
85 VDC
7-1415537-0
SR6B6K85
4 NO + 2 NC
8-1415537-5
SR6C6K85
5 NO + 1 NC
9-1415537-9
SR6A6L10
3 NO + 3 NC
110 VDC
7-1415537-1
SR6B6L10
4 NO + 2 NC
8-1415537-6
SR6C6L10
5 NO + 1 NC
6-1415538-0
800 mW version


Similar Part No. - SR6A6L10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6A6K12 MACOM-SR6A6K12 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6A6K12 MACOM-SR6A6K12 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
logo
TE Connectivity Ltd
SR6A6K12 TEC-SR6A6K12 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
logo
Tyco Electronics
SR6A6K18 MACOM-SR6A6K18 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6A6K18 MACOM-SR6A6K18 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
More results

Similar Description - SR6A6L10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com