Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT214524 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT214524
Description  Interface Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT214524 Datasheet(HTML) 1 Page - Tyco Electronics

  RT214524 Datasheet HTML 1Page - Tyco Electronics RT214524 Datasheet HTML 2Page - Tyco Electronics RT214524 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Interface Power Relay RT
I 1 pole 12 / 16 A, 2 pole 8 A, 1 CO contact or 2 CO contacts
I DC- or AC coil
I Sensitive coil 400 mW
I Reinforced insulation, protection class II (VDE 0700)
I 5 kV / 10 mm coil-contact
I 1pole 12 A with 3.5 or 5 mm pinning
I Recycleable packaging
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0413
Applications
Panel boards, mechanical engineering
F0269-B
Approvals
V REG.-Nr. 6106, Z E214025
Technical data of approved types on request
Contact data
1-pole
2-pole
Contact configuration
1 CO
2 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
12 / 16 A
8 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
3000 / 4000 VA
2000 VA
Limiting making capacity,max 4 s, df 10%
25 / 30 A
15 A
Contact material
AgNi 90/10
Mechanical endurance DC coil
> 30 x 106
>30x106
AC coil
> 10 x 106
>5 x 106
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RT314
16 A, 250 VAC, NO contact, 85°C, DF 10%, UL508
50x103
RT314
16 A, 250 VAC, NC contact, 70°C, 30min-1
53x103
RT314
16 A, 250 VAC, CO contact, VDE 0435
30 x 103
RT314
1000 W incandescent lamp, 250 VAC
1.2x103
RT314
10 A, 250 VAC, cos
ϕ=0.6, CO contact, 70°C
200x103
RT314
5 A / 2 A, 250 VAC, cos
ϕ=1, motor, NO contact, 10min-1, 70°C
1.1x106
RT314
Pilot duty A300 (NO contact), B300 (CO/NC contact), UL508
RT314
1hp @ 240 VAC, 1/2hp @ 120 VAC, NO contact, UL508
RT314
AC15, 6 A, 250 VAC, NO and NC contact, 85°C, EN60947-5-1
RT314
DC13, 2 A / 24 VDC, 0.2 A / 250 VDC, NO and NC contact, 85°C, EN60947-5-1
RT424
8 A, 250 VAC, NO contact, 70°C, EN61810-1
100x103
RT424
6(2) A, 250 VAC, NO/NC contact, 85°C; EN60730-1
100x103
RT424
1/2hp @ 240 VAC, 1/4hp @ 120 VAC, UL508
RT424
Pilot duty B300, UL508
RT424
8 A, 30 VDC, General Purpose, UL508
Coil data
Rated coil voltage range DC coil
5...110 VDC
AC coil
24...230 VAC
Coil power DC coil
typ 400 mW
AC coil
typ 0.75 VA
Operative range
2
Coil insulation system according UL1446
class F


Similar Part No. - RT214524

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT214524 MACOM-RT214524 Datasheet
211Kb / 3P
   Interface Power Relay RT
RT214524 MACOM-RT214524 Datasheet
267Kb / 3P
   Interface Power Relay RT
RT214524 MACOM-RT214524 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
More results

Similar Description - RT214524

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
   Interface Power Relay RT
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
   Interface Power Relay RT
logo
PHOENIX CONTACT
2942153 PHOENIX-2942153 Datasheet
114Kb / 3P
   INTERFACE Relay -INTERFACE Cabling
5606332 PHOENIX-5606332 Datasheet
114Kb / 3P
   INTERFACE Relay - INTERFACE Cabling
2964131 PHOENIX-2964131 Datasheet
114Kb / 3P
   INTERFACE Relay - INTERFACE Cabling
2941154 PHOENIX-2941154 Datasheet
114Kb / 3P
   INTERFACE Relay -INTERFACE Cabling
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
   Monitoring Relay Interface protection Relay
PIDIN0021HI4R2S1XX CARLOGAVAZZI-PIDIN0021HI4R2S1XX Datasheet
2Mb / 9P
   Monitoring Relay Interface protection Relay
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
   1a 5A slim power relay for interface
logo
Tyco Electronics
XT374LC4 MACOM-XT374LC4 Datasheet
298Kb / 3P
   Interface Plug-in Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com