Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP80NF12FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP80NF12FP
Description  N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D짼PAK STripFET??II POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF12FP Datasheet(HTML) 2 Page - STMicroelectronics

  STP80NF12FP Datasheet HTML 1Page - STMicroelectronics STP80NF12FP Datasheet HTML 2Page - STMicroelectronics STP80NF12FP Datasheet HTML 3Page - STMicroelectronics STP80NF12FP Datasheet HTML 4Page - STMicroelectronics STP80NF12FP Datasheet HTML 5Page - STMicroelectronics STP80NF12FP Datasheet HTML 6Page - STMicroelectronics STP80NF12FP Datasheet HTML 7Page - STMicroelectronics STP80NF12FP Datasheet HTML 8Page - STMicroelectronics STP80NF12FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STB80NF12 STW80NF12 STP80NF12 STP80NF12FP
2/12
THERMAL DATA
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (1)
DYNAMIC
TO-247
D2PAK
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
0.5
0.5
3.33
°C/W
Rthj-amb
Tl
Thermal Resistance Junction-ambient
Maximum Lead Temperature For Soldering Purpose
Max
50
300
62.5
300
62.5
300
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
120
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
2V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 40 A
0.013
0.018
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS = 15 V
ID = 40 A
80
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V f = 1 MHz VGS = 0
4300
600
230
pF
pF
pF


Similar Part No. - STP80NF12FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF12 STMICROELECTRONICS-STP80NF12 Datasheet
247Kb / 12P
   N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP80NF12 DOINGTER-STP80NF12 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
VBsemi Electronics Co.,...
STP80NF12 VBSEMI-STP80NF12 Datasheet
976Kb / 7P
   N-Channel 100-V (D-S) 175 째C MOSFET
logo
Inchange Semiconductor ...
STP80NF12 ISC-STP80NF12 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP80NF12 STMICROELECTRONICS-STP80NF12_07 Datasheet
247Kb / 12P
   N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
More results

Similar Description - STP80NF12FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF12 STMICROELECTRONICS-STP80NF12_07 Datasheet
247Kb / 12P
   N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
   N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D짼PAK STripFET??II POWER MOSFET
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
   N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
logo
STMicroelectronics
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
   N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
STB120NF10T4 STMICROELECTRONICS-STB120NF10T4 Datasheet
946Kb / 21P
   N-channel 100 V, 0.009 廓, 110 A STripFET??II Power MOSFET in TO-247, TO-220, D짼PAK, TO-220FP
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
   N-CHANNEL 55V - 0.005 ohm -120A D짼PAK/TO-220/TO-247 STripFET??II POWER MOSFET
October 2002
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
   N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
   N-channel 75V - 0.0095廓 - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com