Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF302 Datasheet(PDF) 5 Page - Tyco Electronics

Part # HF302
Description  Signal and RF Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF302 Datasheet(HTML) 5 Page - Tyco Electronics

  HF302 Datasheet HTML 1Page - Tyco Electronics HF302 Datasheet HTML 2Page - Tyco Electronics HF302 Datasheet HTML 3Page - Tyco Electronics HF302 Datasheet HTML 4Page - Tyco Electronics HF302 Datasheet HTML 5Page - Tyco Electronics HF302 Datasheet HTML 6Page - Tyco Electronics HF302 Datasheet HTML 7Page - Tyco Electronics HF302 Datasheet HTML 8Page - Tyco Electronics HF302 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 1
Umax. at 0 A
Uop. min.
Urel. min.
140 mW
Ambient Temperature [°C]
Terminal assignment
Relay top view
Non-latching type,
not energized condition
Latching type, 2 coils
reset condition
Latching type, 1 coil
rest condition
Coil Operating Range
0
0.5
1
1.5
2
2.5
3
3.5
-55 -45 -35 -25 -15 -5
5
15 25 35 45 55 65 75 85 95 105 115 125 135
Unom. nominal coil voltage
Umax. at 0 A
Uop. min.
70 mW
Ambient Temperature [°C]
Unom. nominal coil voltage
U
nom =
Nominal coil voltage
U
max. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
U
op. min. = Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
U
rel. min. = Lower limit of the operative range of
the coil voltage (reliable release voltage)
140 mW
70 mW


Similar Part No. - HF302

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF302 MACOM-HF302 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Soshin electric Co., Lt...
HF3020A-TM SOSHIN-HF3020A-TM Datasheet
303Kb / 4P
   3-phase 3-line 250VAC
HF3020A-TMA SOSHIN-HF3020A-TMA Datasheet
193Kb / 4P
   3-phase 3-line 250VAC
HF3020C-SZA SOSHIN-HF3020C-SZA Datasheet
283Kb / 5P
   3-phase 3-line 500VAC
HF3020C-SZB SOSHIN-HF3020C-SZB Datasheet
201Kb / 4P
   3-phase 3-line 500VAC
More results

Similar Description - HF302

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com