Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF Datasheet(PDF) 2 Page - Tyco Electronics

Part # PTF
Description  Miniature Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTF Datasheet(HTML) 2 Page - Tyco Electronics

  PTF Datasheet HTML 1Page - Tyco Electronics PTF Datasheet HTML 2Page - Tyco Electronics PTF Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature Power Relay PTF (Continued)
Coil versions, AC-coil 50/60 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ohm
VA
506
R06
6
4.8/5.4
1.8
11+10%
1.0/0.85
512
R12
12
9.6/10.8
3.6
48+10%
1.0/0.85
524
R24
24
19.2/21.6
7.2
192+
+10%
1.0/0.79
548
R48
48
38.4/43.2
14.4
777+10%
1.0/0.87
560
R60
60
48.0/54.0
18.0
1306+10%
1.0/0.87
615
S15
115
92.0/103.5
34.5
4845+12%
1.0/0.86
730
T30
230
184.0/207.0
69.0
19465+
+15%
1.0/0.90
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1200 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 3.1/3.1 mm
adjacent contact circuits
W 4.4/8.8 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
240/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant
Ambient temperature range
-40...+70°C
Operate- / release time
15/10 ms
Bounce time NO / NC contact
5 ms
Vibration resistance (function) NO / NC contact
7/4 g
Shock resistance (function) NO / NC contact
20/5 g
Category of protection
RTII - flux proof
Resistance to soldering heat
270°C / 10 s
Relay weight
30 g
Packaging unit
20 pcs
Accessories
For details see datasheet
Accessories Miniature Power Relay PTF
Dimensions
Solder- and plug-in terminals (standard version)
PCB version
S0505-AB
S0505-AA
PCB layout / terminal assignment
Bottom view on pins
S0507-AA
S0507-AB


Similar Part No. - PTF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
261Kb / 3P
   Miniature Power Relay PTF
logo
Vishay Siliconix
PTF VISHAY-PTF Datasheet
156Kb / 4P
   Metal Film Resistors, High Precision, High Stability
Revision: 15-Nov-12
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
   Long Life Slide Potentiometer
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
   Platinum Thin Film (PTF) Temperature Elements
logo
Omron Electronics LLC
PTF-08-PU OMRON-PTF-08-PU Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
More results

Similar Description - PTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com