Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBH14006 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PBH14006
Description  Miniature Power PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PBH14006 Datasheet(HTML) 3 Page - Tyco Electronics

  PBH14006 Datasheet HTML 1Page - Tyco Electronics PBH14006 Datasheet HTML 2Page - Tyco Electronics PBH14006 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB Relay PBH 105°C (Continued)
Product key
PB
H
4
Type
Version
H
High temperature version
Contact configuration
1
1 CO contact
3
1 NO contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Other types on request
Product key
Version
Contacts
Contact material
Coil
Part number
PBH14005
high
1 CO contact
AgNi 90/10
5 VDC
9-1415356-1
PBH14006
temperature
6 VDC
8-1415356-1
PBH14009
version
9 VDC
7-1415356-1
PBH14012
12 VDC
6-1415356-1
PBH14018
18 VDC
6-1415357-1
PBH14022
22 VDC
7-1415357-1
PBH14024
24 VDC
6-1415355-1
PBH14036
36 VDC
9-1415355-1
PBH34005
1 NO contact
5 VDC
5-1415356-1
PBH34006
6 VDC
4-1415356-1
PBH34009
9 VDC
3-1415356-1
PBH34012
12 VDC
2-1415356-1
PBH34018
18 VDC
8-1415357-1
PBH34022
22 VDC
9-1415357-1
PBH34024
24 VDC
1-1415356-1
PBH34036
36 VDC
0-1415356-1


Similar Part No. - PBH14006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PBH14006 MACOM-PBH14006 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
More results

Similar Description - PBH14006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com