Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN133009 Datasheet(PDF) 2 Page - Tyco Electronics

Part # LN133009
Description  Miniature Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LN133009 Datasheet(HTML) 2 Page - Tyco Electronics

  LN133009 Datasheet HTML 1Page - Tyco Electronics LN133009 Datasheet HTML 2Page - Tyco Electronics LN133009 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature Power Relay LN / LNH (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
S0260-AN
Dimensions
Insulation
LN1
LN3
LNH
Dielectric strength coil-contact circuit
2000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 2,5/2,5 mm
Material group of insulation parts
IIIa
Tracking index of relay base
CTI 325
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
240 V
Overvoltage category
II
Other data
LN1
LN3
LNH
RoHS - Directive 2002/95/EC
compliant per product date code 0424
Flammability class according to UL94
V-0
V-0
V-0
For WG version: GWFI to IEC 60695-2-12
850°C
850°C
850°C
GWIT to IEC 60695-2-13
775°C
775°C
775°C
Ambient temperature range
-40...85°C
-40...75 (85)°C
-40...105°C
Operate- / release time
typ. 10/5 ms
Vibration resistance (function), NO / NC contact
>14 / 8 g, 30...400 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
PCB
Resistance to soldering heat flux proof
270°C / 10 s
Relay weight
12 g
Packaging unit
25/1000 pcs
S0260-AB
S0260-AC
S0486-A


Similar Part No. - LN133009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LN133009 MACOM-LN133009 Datasheet
135Kb / 3P
   Miniature Power Relay LN / LNH
logo
List of Unclassifed Man...
LN133009 ETC2-LN133009 Datasheet
380Kb / 3P
   Miniature Power PCB Relay LN/LNH
More results

Similar Description - LN133009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com