Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9178-25GBR Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9178-25GBR
Description  200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9178-25GBR Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9178-25GBR Datasheet HTML 2Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 3Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 4Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 5Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 6Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 7Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 8Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 9Page - Richtek Technology Corporation RT9178-25GBR Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT9178
6
DS9178-16 April 2008
www.richtek.com
Load Transient Response
Time (1ms/Div)
VIN = 4V
CBP = 10nF
100
0
20
0
-20
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
IOUT = 1 to 100mA
Time (1ms/Div)
Load Transient Response
VIN = 4V
CBP = 10nF
200
100
20
0
-20
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
IOUT = 100 to 200mA
Noise
Time (10ms/Div)
150
100
50
0
-50
-100
VIN = 4V
CBP = 10nF
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
f = 10Hz to 100kHz
Start Up
Time (25us/Div)
3
2
1
0
6
4
2
0
VIN = 4V
CBP = 100nF
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic
Time (10us/Div)
Start Up
3
2
1
0
6
4
2
0
VIN = 4V
CBP = 10nF
CIN = 1uF, Ceramic
COUT = 10uF, Ceramic
Start Up
Time (5us/Div)
3
2
1
0
6
4
2
0
VIN = 4V
CBP = 10nF
CIN = 1uF, Ceramic
COUT = 1uF, Ceramic


Similar Part No. - RT9178-25GBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178-25GBR RICHTEK-RT9178-25GBR Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9178-25GBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com