Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9179 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9179
Description  Adjustable, 300mA LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9179 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9179 Datasheet HTML 1Page - Richtek Technology Corporation RT9179 Datasheet HTML 2Page - Richtek Technology Corporation RT9179 Datasheet HTML 3Page - Richtek Technology Corporation RT9179 Datasheet HTML 4Page - Richtek Technology Corporation RT9179 Datasheet HTML 5Page - Richtek Technology Corporation RT9179 Datasheet HTML 6Page - Richtek Technology Corporation RT9179 Datasheet HTML 7Page - Richtek Technology Corporation RT9179 Datasheet HTML 8Page - Richtek Technology Corporation RT9179 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9179
1
DS9179-09 April 2008
www.richtek.com
Pin Configurations
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Adjustable, 300mA LDO Regulator with Enable
General Description
The RT9179 is a high performance linear voltage regulator
with enable high function and adjustable output with a
1.175V reference voltage. It operates from an input of 3V
to 5.5V and provides output current up to 300mA with two
external resistors to set the output voltage ranges from
1.175V to 4.5V.
The RT9179 has superior regulation over variations in line
and load. Also it provides fast respond to step changes in
load. Other features include over-current and over-
temperature protection. The device has enable pin to reduce
power consumption in shutdown mode.
The devices is available in the popular SOT-23-5 package.
Applications
Battery-Powered Equipment
Graphic Card
Peripheral Cards
PCMCIA Card
Ordering Information
Features
300mV Dropout @ 300mA
150uA Low Ground Pin Current
Excellent Line and Load Regulation
<1uA Standby Current in Shutdown Mode
Guaranteed 300mA Output Current
Stable with 1uF Input and Output Ceramic Capacitor
Adjustable Output Voltage Ranges from 1.175V to
4.5V
Over-Temperature/Over-Current Protection
RoHS Compliant and 100% Lead (Pb)-Free
(TOP VIEW)
SOT-23-5
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
2
3
5
4
1
VIN
GND
ADJ
EN
VOUT
RT9179
Package Type
B : SOT-23-5
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9179

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179AGS RICHTEK-RT9179AGS Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179APS RICHTEK-RT9179APS Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
RT9179GB RICHTEK-RT9179GB Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
More results

Similar Description - RT9179

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
YOBON TECHNOLOGIES,INC.
YB1211 YOBON-YB1211 Datasheet
413Kb / 9P
   300mA External Adjustable LDO Regulator
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com