Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-PC538-622.08 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO-PC538-622.08
Description  LVPECL 5 x 3.2mm 3.3V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-PC538-622.08 Datasheet(HTML) 4 Page - Fox Electronics

  FXO-PC538-622.08 Datasheet HTML 1Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 2Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 3Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 4Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 5Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 6Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 7Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 8Page - Fox Electronics FXO-PC538-622.08 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FXO-PC53 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Low Output Voltage
VOL
0.75 MHz to 1.35 GHz
1.305V ~ 1.65V
High Output Voltage
VOH
0.75 MHz to 1.35 GHz
2.055V ~ 2.405V
Typical Complimentary Difference
VP-P
0.75 MHz to 1.35 GHz
0.750 VP-P Typ
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable
Note1
(PIN # 1) Voltage
VIH
> 70% VDD
Output Disable
Note1
(PIN # 1) Voltage
VIL
< 30% VDD
Cycle Rise Time (See Drawing Below)
TR
0.75 MHz to 1.35 GHz
400 pS (20%~80%)
Cycle Fall Time (See Drawing Below)
TF
0.75 MHz to 1.35 GHz
400 pS (80%~20%)
Period
1/2 Period
OUTPUT 1
OUTPUT 2
Oscillator Symmetry
20% to 80%
DD
50% V
Rise Time / Fall Time Measurements
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
R
T
F
T
OUTPUT 1
OUTPUT 2
2.055V ~ 2.405V
1.305V ~ 1.65V
2.055V ~ 2.405V
1.305V ~ 1.65V


Similar Part No. - FXO-PC538-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC520-622.08 FOX-FXO-PC520-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC520R-622.08 FOX-FXO-PC520R-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC525-622.08 FOX-FXO-PC525-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC525R-622.08 FOX-FXO-PC525R-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXO-PC538-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
   LVPECL 5 x 3.2mm 3.3V VCXO
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com