Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-QC538R-622.08 Datasheet(PDF) 6 Page - Fox Electronics

Part # FXO-QC538R-622.08
Description  LVPECL 5 x 3.2mm 3.3V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-QC538R-622.08 Datasheet(HTML) 6 Page - Fox Electronics

Back Button FXO-QC538R-622.08 Datasheet HTML 2Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 3Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 4Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 5Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 6Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 7Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 8Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 9Page - Fox Electronics FXO-QC538R-622.08 Datasheet HTML 10Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FXO-PC53 Series
Page 6 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
NOTE: XPRESSO LVPECL XOs are designed to
fit on Industry Standard, 6 pad layouts
Pin Description and Recommended Circuit
Pin #
Name
Type
Function
1
E / D
1
Logic
Enable / Disable Control of Output (0 = Disabled)
2
NC
2
No Connection – Leave OPEN
3
GND
Ground
Electrical Ground for VDD
4
Output
Output
LVPECL Oscillator Output
5
Output 2
Output
Complimentary LVPECL Output
6
VDD
3
Power
Power Supply Source Voltage
NOTES:
1 Includes pull-up resistor to V
DD to provide output when the pin (1) is No Connect. (Also see note 2)
2 An optional pin # 2 Enable / Disable is available.
3 Installation should include a 0.01µF bypass capacitor placed between V
DD
(Pin 6) and GND (Pin 3) to minimize power supply line noise.
E / D
VDD
NC
Output 2
GND
Output
Terminations as viewed from the Top
Enable / Disable Control
Pin # 1 (state)
Output (Pin # 4, Pin # 5)
OPEN (No Connection)
ACTIVE Output
“1” Level VIH > 70% VDD
ACTIVE Output
“0” Level VIL < 30% VDD
High Impedance
3
1
4
6
Soldering Reflow Profile (2 times Maximum at 260°C for 10 seconds MAX)
25°C
160°C
180°C
225°C
260°C
10 Seconds Max
within 5°C of 260°C peak
Ramp Down
Not to exceed 6°C/s
Ramp-Up
3°C/s Max
p
t
120 ± 20 Seconds
In Pre-heating Area
Above 225°C Reflow Area
50±10 Seconds
400 Seconds MAX from +25°C to 260°C peak
2
5
LVPECL OUT#2
0.01 F
LVPECL OUT
# 3
GND
# 4
E/D
N C
# 1
# 2
# 6
# 5
DD
V +3.3V
0.01 F
50
DD
V -2V = +1.3V
50


Similar Part No. - FXO-QC538R-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-QC520-622.08 FOX-FXO-QC520-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-QC520R-622.08 FOX-FXO-QC520R-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-QC525-622.08 FOX-FXO-QC525-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-QC525R-622.08 FOX-FXO-QC525R-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-QC526-622.08 FOX-FXO-QC526-622.08 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXO-QC538R-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
   LVPECL 5 x 3.2mm 3.3V VCXO
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com